Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 3 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 3 Page - AMIC Technology

  A29L040AL Datasheet HTML 1Page - AMIC Technology A29L040AL Datasheet HTML 2Page - AMIC Technology A29L040AL Datasheet HTML 3Page - AMIC Technology A29L040AL Datasheet HTML 4Page - AMIC Technology A29L040AL Datasheet HTML 5Page - AMIC Technology A29L040AL Datasheet HTML 6Page - AMIC Technology A29L040AL Datasheet HTML 7Page - AMIC Technology A29L040AL Datasheet HTML 8Page - AMIC Technology A29L040AL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
2
AMIC Technology, Corp.
contents of other sectors. The A29L040A is fully erased
when shipped from the factory.
The hardware sector protection feature disables operations
for both program and erase in any combination of the sectors
of
memory.
This
can
be
achieved
via
programming
equipment.
The Erase Suspend feature enables the user to put erase on
hold for any period of time to read data from, or program
data to, any other sector that is not selected for erasure.
True background erase can thus be achieved.
Power consumption is greatly reduced when the device is
placed in the standby mode.
Pin Configurations
DIP
PLCC
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
21
22
23
24
25
26
27
28
29
12
13
11
8
9
5
7
6
CE
I/O7
A10
A29L040AL
OE
A11
A9
A8
A13
A14
10
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
VSS
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A9
A8
A13
WE
A17
A14
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
32-pin TSOP (8mm X 20mm)
32-pin sTSOP (8mm X 13.4mm)
32-pin sTSOP (8mm X 14mm)
A29L040AV (8mm x 20mm)
A29L040AX (8mm x 13.4mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A9
A8
A13
A14
A17
WE
VCC
A18
A16
A15
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A11
A29L040AY (8mm x 14mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com