Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 17 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 17 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 13Page - AMIC Technology A29L040AL Datasheet HTML 14Page - AMIC Technology A29L040AL Datasheet HTML 15Page - AMIC Technology A29L040AL Datasheet HTML 16Page - AMIC Technology A29L040AL Datasheet HTML 17Page - AMIC Technology A29L040AL Datasheet HTML 18Page - AMIC Technology A29L040AL Datasheet HTML 19Page - AMIC Technology A29L040AL Datasheet HTML 20Page - AMIC Technology A29L040AL Datasheet HTML 21Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
16
AMIC Technology, Corp.
AC Characteristics
Read Only Operations
Parameter Symbols
Speed
JEDEC
Std
Description
Test Setup
-70
Unit
tAVAV
tRC
Read Cycle Time (Note 2)
Min.
70
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max.
70
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL
Max.
70
ns
tGLQV
tOE
Output Enable to Output Delay
Max.
30
ns
Read
Min.
0
ns
tOEH
Output Enable Hold
Time (Note 2)
Toggle and
Data Polling
Min.
10
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Notes 1,2)
Max.
20
ns
tGHQZ
tDF
Output Enable to Output High Z
(Notes 1,2)
Max.
20
ns
tAXQX
tOH
Output Hold Time from Addresses,
CE or OE ,
Whichever Occurs First
Min.
0
ns
Notes:
1. Output driver disable time.
2. Not 100% tested.
Timing Waveforms for Read Only Operation
Addresses
Addresses Stable
CE
OE
WE
Output Valid
High-Z
Output
tRC
tOEH
tOE
tCE
High-Z
tOH
tDF
tACC
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com