Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 22 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 22 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 18Page - AMIC Technology A29L040AL Datasheet HTML 19Page - AMIC Technology A29L040AL Datasheet HTML 20Page - AMIC Technology A29L040AL Datasheet HTML 21Page - AMIC Technology A29L040AL Datasheet HTML 22Page - AMIC Technology A29L040AL Datasheet HTML 23Page - AMIC Technology A29L040AL Datasheet HTML 24Page - AMIC Technology A29L040AL Datasheet HTML 25Page - AMIC Technology A29L040AL Datasheet HTML 26Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
21
AMIC Technology, Corp.
Timing Waveforms for Alternate CE Controlled Write Operation
Erase and Programming Performance
Parameter
Typ. (Note 1)
Max. (Note 2)
Unit
Comments
Sector Erase Time
2
8
sec
Chip Erase Time
11
64
sec
Excludes 00h programming
prior to erasure (Note 4)
Byte Programming Time
17
200
µs
Chip Programming Time (Note 3)
6
13.5
sec
Excludes system-level
overhead (Note 5)
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0V VCC, 100,000 cycles. Additionally,
programming typically assumes checkerboard pattern.
2. Under worst case conditions of 90
°C, VCC = 2.7V, 100,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes
program faster than the maximum byte program time listed. If the maximum byte program time given is exceeded, only then
does the device set I/O5 = 1. See the section on I/O5 for further information.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See Table 4
for further information on command definitions.
6. The device has a guaranteed minimum erase and program cycle endurance of 100,000 cycles.
Addresses
WE
OE
CE
Data
555 for program
2AA for erase
PA
DOUT
I/O7
Data Polling
Note :
1. PA = Program Address, PD = Program Data, SA = Sector Address, I/O7 = Complement of Data Input, DOUT = Array Data.
2. Figure indicates the last two bus cycles of the command sequence.
PD for program
30 for sector erase
10 for chip erase
tBUSY
tWHWH1 or 2
tAH
tAS
tWC
tWH
tGHEL
tCP
tWS
tCPH
PA for program
SA for sector erase
555 for chip erase
A0 for program
55 for erase
tRH
tDS
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com