Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 14 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 14 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 10Page - AMIC Technology A29L040AL Datasheet HTML 11Page - AMIC Technology A29L040AL Datasheet HTML 12Page - AMIC Technology A29L040AL Datasheet HTML 13Page - AMIC Technology A29L040AL Datasheet HTML 14Page - AMIC Technology A29L040AL Datasheet HTML 15Page - AMIC Technology A29L040AL Datasheet HTML 16Page - AMIC Technology A29L040AL Datasheet HTML 17Page - AMIC Technology A29L040AL Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
13
AMIC Technology, Corp.
erase operation is complete. If I/O3 is "0", the device will
accept additional sector erase commands. To ensure the
command has been accepted, the system software should
check the status of I/O3 prior to and following each
subsequent sector erase command. If I/O3 is high on the
second status check, the last command might not have been
accepted. Table 5 shows the outputs for I/O3.
START
Read I/O7-I/O0
Toggle Bit
= Toggle ?
Program/Erase
Operation Not
Commplete, Write
Reset Command
Yes
Notes :
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as I/O5
changes to "1". See text.
No
Read I/O7 - I/O0
Twice
I/O5 = 1?
Toggle Bit
= Toggle ?
Yes
Yes
Program/Erase
Operation
Commplete
No
No
Read I/O7-I/O0
(Notes 1,2)
Figure 4. Toggle Bit Algorithm
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com