Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 27 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 27 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 22Page - AMIC Technology A29L040AL Datasheet HTML 23Page - AMIC Technology A29L040AL Datasheet HTML 24Page - AMIC Technology A29L040AL Datasheet HTML 25Page - AMIC Technology A29L040AL Datasheet HTML 26Page - AMIC Technology A29L040AL Datasheet HTML 27Page - AMIC Technology A29L040AL Datasheet HTML 28Page - AMIC Technology A29L040AL Datasheet HTML 29Page - AMIC Technology A29L040AL Datasheet HTML 30Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
26
AMIC Technology, Corp.
Package Information
PLCC 32L Outline Dimension
unit: inches/mm
e
y
HD
D
13
GD
b1
b
GE
5
14
20
21
29
30
32
1
4
θ
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.134
-
-
3.40
A1
0.0185
-
-
0.47
-
-
A2
0.105
0.110
0.115
2.67
2.80
2.93
b1
0.026
0.028
0.032
0.66
0.71
0.81
b
0.016
0.018
0.021
0.41
0.46
0.54
C
0.008
0.010
0.014
0.20
0.254
0.35
D
0.547
0.550
0.553
13.89
13.97
14.05
E
0.447
0.450
0.453
11.35
11.43
11.51
e
0.044
0.050
0.056
1.12
1.27
1.42
GD
0.490
0.510
0.530
12.45
12.95
13.46
GE
0.390
0.410
0.430
9.91
10.41
10.92
HD
0.585
0.590
0.595
14.86
14.99
15.11
HE
0.485
0.490
0.495
12.32
12.45
12.57
L
0.075
0.090
0.095
1.91
2.29
2.41
y
-
-
0.003
-
-
0.075
θ
0
°
-
10
°
0
°
-
10
°
Notes:
1. Dimensions D and E do not include resin fins.
2. Dimensions GD & GE are for PC Board surface mount pad pitch
design reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com