Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 25 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 25 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 21Page - AMIC Technology A29L040AL Datasheet HTML 22Page - AMIC Technology A29L040AL Datasheet HTML 23Page - AMIC Technology A29L040AL Datasheet HTML 24Page - AMIC Technology A29L040AL Datasheet HTML 25Page - AMIC Technology A29L040AL Datasheet HTML 26Page - AMIC Technology A29L040AL Datasheet HTML 27Page - AMIC Technology A29L040AL Datasheet HTML 28Page - AMIC Technology A29L040AL Datasheet HTML 29Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
24
AMIC Technology, Corp.
Ordering Information
Part No.
Access Time
(ns)
Active Read
Current
Typ. (mA)
Program/Erase
Current
Typ. (mA)
Standby
Current
Typ. (
µA)
Package
A29L040A-70
32-pin DIP
A29L040A-70F
32-pin Pb-Free DIP
A29L040AL-70
32-pin PLCC
A29L040AL-70F
32-pin Pb-Free PLCC
A29L040AV-70
32-pin TSOP
(8mm X 20mm)
A29L040AV-70F
32-pin Pb-Free TSOP
(8mm X 20mm)
A29L040AX-70
32-pin sTSOP
(8mm X 13.4mm)
A29L040AX-70F
32-pin Pb-Free sTSOP
(8mm X 13.4mm)
A29L040AY-70
32-pin sTSOP
(8mm X 14mm)
A29L040AY-70F
70
4
20
0.2
32-pin Pb-Free sTSOP
(8mm X 14mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com