Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 16 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 16 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 12Page - AMIC Technology A29L040AL Datasheet HTML 13Page - AMIC Technology A29L040AL Datasheet HTML 14Page - AMIC Technology A29L040AL Datasheet HTML 15Page - AMIC Technology A29L040AL Datasheet HTML 16Page - AMIC Technology A29L040AL Datasheet HTML 17Page - AMIC Technology A29L040AL Datasheet HTML 18Page - AMIC Technology A29L040AL Datasheet HTML 19Page - AMIC Technology A29L040AL Datasheet HTML 20Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
15
AMIC Technology, Corp.
DC Characteristics
CMOS Compatible
Parameter
Symbol
Parameter Description
Test Description
Min.
Typ.
Max.
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC Max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC Max, A9 = 12.5V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max
±1.0
µA
ICC1
VCC Active Read Current
(Notes 1,2)
CE = VIL, OE = VIH
4
10
mA
ICC2
VCC Active Program/Erase Current
(Notes 2,3,4)
CE = VIL, OE = VIH
20
30
mA
ICC3
VCC Standby Current (Notes 2, 5)
CE = VCC ± 0.3 V
1
5
µA
VIL
Input Low Level
-0.5
0.8
V
VIH
Input High Level
0.7 x VCC
VCC+0.3
V
VID
Voltage for Autoselect and Sector
Protect
VCC = 3.3 V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 4 mA, VCC = VCC Min
0.45
V
VOH1
IOH = -2.5 mA, VCC = VCC Min
0.85 x VCC
V
VOH2
Output High Voltage
IOH = -100
µA. VCC = VCC Min
VCC-0.4
V
Notes:
1. The ICC current listed includes both the DC operation current and the frequency dependent component (at 6 MHz).
The frequency component typically is less than 2 mA/MHz, with
OE at VIH.
2. Maximum ICC specifications are tested with VCC = VCC max.
3. ICC active while Embedded Algorithm (program or erase) is in progress.
4. Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com