Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9929 Datasheet HTML 3Page - STMicroelectronics L9929 Datasheet HTML 4Page - STMicroelectronics L9929 Datasheet HTML 5Page - STMicroelectronics L9929 Datasheet HTML 6Page - STMicroelectronics L9929 Datasheet HTML 7Page - STMicroelectronics L9929 Datasheet HTML 8Page - STMicroelectronics L9929 Datasheet HTML 9Page - STMicroelectronics L9929 Datasheet HTML 10Page - STMicroelectronics L9929 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
L9929
Figure 9.
Table 5. Electrical Characteristics (continued)
Spi Interface
The timing of L9929 is defined as follows:
- The change at output (SO) is forced by the rising edge of the SCK signal.
- The input signal (SI) is taken over on the falling edge of the SCK signal.
- SS = active without any clocks at SCK is not allowed
- The data received during a writing access is taken over into the internal registers on the rising edge of the SS
signal, if exactly 16 SPI clocks have been counted during SS = active.
Figure 10.
Temperature-depending current-limitation
Maximum rating for junction temperature
for < 1s 175°C
Overtemperature switch-off
> typ. 175°C
Switch-off current in case of current limitation
typ. 8.6A Tj < typ. 165°C
For typical 165°C < Tj < 175°C the maximum current decreases
typ. 2.5A
typ. 8.6A
Tj
typ. 2.5A
typ. 8.6A
Tj
165°C
175°C
Tolerance range of
temperature dependent
current reduction
Range of
Overtemperature
switch-off
Imax
SO
SI
MSB IN
Bit (n-4)...1 LSB IN
Bit (n-4)...1
1
4
5
6
SCK
SS
7
8
n = 16
9
10
3
2
Bit (n-3)
Bit 0; LSB
tristate
Bit (n-3)
Bit (n-2)
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com