Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 3 Page - STMicroelectronics

  L9929 Datasheet HTML 1Page - STMicroelectronics L9929 Datasheet HTML 2Page - STMicroelectronics L9929 Datasheet HTML 3Page - STMicroelectronics L9929 Datasheet HTML 4Page - STMicroelectronics L9929 Datasheet HTML 5Page - STMicroelectronics L9929 Datasheet HTML 6Page - STMicroelectronics L9929 Datasheet HTML 7Page - STMicroelectronics L9929 Datasheet HTML 8Page - STMicroelectronics L9929 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
L9929
Table 3. Pin Function PowerSS024
Figure 4. Pin Connection (Top view)
NAME
Description
1
GND
Ground
2
SCK/SF
SPI-Clock
3
IN1
Input 1
4
N.C.
Not Connected
5
VS
Supply voltage
6
VS
Supply voltage
7
OUT1
Output 1
8
OUT1
Output 1
9
SO
Serial Out
10
SI
Serial In
11
GND
Ground
12
GND
Ground
13
GND
Ground
14
GND
Ground
15
DMS
Diagnostic-Mode selection (+ Supply Voltage for SPI-Interface)
16
EN
Enable
17
OUT2
Output 2
18
OUT2
Output 2
19
VS
Supply voltage
20
SS
Slave select
21
DI
Disable
22
IN2
Input 2
23
N.C.
Not Connected
24
GND
Ground
GND
SCK
INPUT 1
N.C.
VS
OUT 1
VS
OUT 1
SO
ENABLE
OUT 2
OUT 2
SS
VS
DISABLE
INPUT 2
NC
GND
1
3
2
4
5
6
7
8
9
22
21
20
19
18
16
17
15
23
10
24
SI
DMS
D05AT527
GND
GND
11
14
13
12
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com