Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9929 Datasheet HTML 9Page - STMicroelectronics L9929 Datasheet HTML 10Page - STMicroelectronics L9929 Datasheet HTML 11Page - STMicroelectronics L9929 Datasheet HTML 12Page - STMicroelectronics L9929 Datasheet HTML 13Page - STMicroelectronics L9929 Datasheet HTML 14Page - STMicroelectronics L9929 Datasheet HTML 15Page - STMicroelectronics L9929 Datasheet HTML 16Page - STMicroelectronics L9929 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
L9929
6)
On the read access the databits at the SPI input SI are rejected.
7)
Invalid instruction/access: An instruction is invalid, if one of the following conditions is fulfilled:
– An unused instruction code is detected (see tables with SPI instructions).
– In case the previous transmission is not completed in terms of internal data processing. ( Violation of
the minimum Access-Time. )
– In case of the previous transmission has detected more than 16 SCK pulses
– Reset has occurred (Undervoltage on DMS)
If an invalid instruction is detected, any modifications on registers of L9929 are not allowed.
In case an unused instruction code occured the databyte "ffh ex" will be transmitted after having sent the check
byte.
In addition any access is invalid if the number of SPI clock pulses (falling edge) counted during active SS differs
from exactly 16 clock pulses (-> See Note).
5.4
SPI Communication
Figure 13. Reading access / 8 bit
5.5
SPI Instruction
The uppermost 2 bit of the instruction byte contains the chipadress. The chipaddress of L9929 is 00.
MSB
765432
10
0
0
INSTR5
INSTR4
INSTR3
INSTR2
INSR1
INSR0
SPI Instruction
Encoding
Description
bit 7,6
CPAD1,0
bit 5,4,3,2,1,0
INSTR(5...0)
RD_IDENT
00
000 000
Read identifier
RD_VERSION
00
000 011
Read version
RD_DIA
00
001 001
Read DIA_REG
All others
No function
SPI INSTRUCTION
MSB
XXXX XXXX
SS
SI
VERIFICATION BYTE
MSB
DATA/8 BIT
MSB
SO
D01AT480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com