Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9929 Datasheet HTML 10Page - STMicroelectronics L9929 Datasheet HTML 11Page - STMicroelectronics L9929 Datasheet HTML 12Page - STMicroelectronics L9929 Datasheet HTML 13Page - STMicroelectronics L9929 Datasheet HTML 14Page - STMicroelectronics L9929 Datasheet HTML 15Page - STMicroelectronics L9929 Datasheet HTML 16Page - STMicroelectronics L9929 Datasheet HTML 17Page - STMicroelectronics L9929 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
L9929
14/23
5.6
Reset of the Diagnostic Register DIA_REG
On the following conditions DIA_REG is reset:
– With the rising edge of the SS-signal after the SPI-Instruction RD_DIA (only if error free while SS,
new errors will actualize DIA_REG with the rising edge of SS).
– When the voltage on DMS exceeds the threshold for detecting SPI-Mode. (after undervoltage condi-
tion or after power up)
– - If VS rises over about the undervoltage level, the Bits of DIA_REG are restored (when VS internal
or DMS > 3,1V)
Verification byte:
5.7
Diagnostics/Encoding of Failures
Description of the SPI Registers
(SPI Instructions: RD_DIA)
MSB
765432
10
Z
Z
1010
1
TRANS_F
Bit
Name
Description
0
TRANS_F
Bit = 1: error detected during previous transfer
Bit = 0: previous transfer was recognised as valid
1
Fixed to High
2
Fixed to Low
3
Fixed to High
4
Fixed to Low
5
Fixed to High
6
Send as high impedance
7
Send as high impedance
Register:
DIA_REG
765432
10
Active
OT
CurrRed
CurrLim
DIA21
DIA20
Dia11
DIA10
State of Reset: FFH
Access by Controller:
Read only
Bit
Name
Description
0
DIA 10
Diagnosis-Bit1 of OUT1
1
DIA 11
Diagnosis-Bit2 of OUT1
2
DIA 20
Diagnosis-Bit1 of OUT2
3
DIA 21
Diagnosis-Bit2 of OUT2
4
CurrLim
Is set to „0“ in case of current limitation
5
CurrRed
Is set to „0“ in case of temperature dependet current limitation
6
OT
Is set to „0“ in case of overtemperature
7
Active
Shows the wired-or state of the Pins EN and DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com