Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9929 Datasheet HTML 11Page - STMicroelectronics L9929 Datasheet HTML 12Page - STMicroelectronics L9929 Datasheet HTML 13Page - STMicroelectronics L9929 Datasheet HTML 14Page - STMicroelectronics L9929 Datasheet HTML 15Page - STMicroelectronics L9929 Datasheet HTML 16Page - STMicroelectronics L9929 Datasheet HTML 17Page - STMicroelectronics L9929 Datasheet HTML 18Page - STMicroelectronics L9929 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
L9929
Description of DIA_REG Bit7
5.8
Device Identifier and Revision Number
The IC's identifier is used for production test purposes and features plug & play functionality depending on the
systems software release. It is made up on a device-number and a revision number each one read-only acces-
sible via standardised instructions.
The Device number is defined once to allow indentification of different IC-Types by software.
The Revision number may be utilised to distinguish different states of hardware. The contents is divided into an
upper 4 bit field reserved to define revisions correspondending to specific softwarereleases. The lower 4 bit field
is utilised to indentify the actual maskset.
Both (SWR and MSR) will start with 0000b and are increased by 1 every time an according modification of the
hardware is introduced.
5.9
Reading the IC Identifier (SPI Instruction: RD_IDENT):
5.10 Reading the IC revision number (SPI Instruction: RD_VERSION):
Encoding of the Diagnostic Bits of the Output-Stages OUT1 and OUT2
DIA21
DIA20
DIA11
DIA10
-
-
0
0
Short circuit over load (SCOL)
-
-
0
1
Short circuit to battery on OUT1 (SCB1)
-
-
1
0
Short circuit to ground on OUT1 (SCG1)
-
-
1
1
No error detected on OUT1
0
0
-
-
Open load
0
1
-
-
Short circuit to battery on OUT2 (SCB2)
1
0
-
-
Short circuit to ground on OUT2 (SCG2)
1
1
-
-
No error detected on OUT2
0
0
0
0
Undervoltage on Pin VS
EN
DI
DIA_REG Bit7
00
0
01
0
10
1
11
0
IC Identifier1 (Device ID)
765432
10
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Bit
Name
Description
7...0
ID(7...0)
ID-No.: 1010 0001
IC’s revision number
765432
10
SWR3
SWR2
SWR1
SWR0
MSR3
MSR2
MSR1
MSR0
Bit
Name
Description
7...4
SWR(3...0)
Revision corresponding to Software release: 0Hex
3...0
MSR(3...0)
Revision corresponding to Maskset: 8Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com