Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 4 Page - STMicroelectronics

  L9929 Datasheet HTML 1Page - STMicroelectronics L9929 Datasheet HTML 2Page - STMicroelectronics L9929 Datasheet HTML 3Page - STMicroelectronics L9929 Datasheet HTML 4Page - STMicroelectronics L9929 Datasheet HTML 5Page - STMicroelectronics L9929 Datasheet HTML 6Page - STMicroelectronics L9929 Datasheet HTML 7Page - STMicroelectronics L9929 Datasheet HTML 8Page - STMicroelectronics L9929 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
L9929
4/23
Table 4. Absolute Maximum Ratings
The integrated circuit must not be destroyed by use at the limit values.
Each limit value can be used, as long as no other limit is violated.
Voltage reference point:
All values are, if not otherwise stated, relative to ground.
Direction of current flow:
Current flow into a pin is positive.
Rise-, fall- and delaytimes:
If not otherwise stated, all rise times are between 10% and 90%, fall times
between 90% and 10% and delay times at 50% of the relevant steps.
Table 5. Thermal Data
(*) Guaranteed by design and package characterization.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
static destruction proof
-1
40
V
dynamic destruction proof t <0.5s
(single pulse, Tj < 85°C)
-2
40
V
VLI
Logic inputs
IN1, IN2, DI, EN, SS, SI, SCK,DMS
-0.5
7
V
VLO
Logic outputs SF, SO
-0.5
7
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tj
Junction temperature
dynamic t < 1 s
-40
+150
+175
°C
°C
Tstg
Storage temperature
-55
+125
°C
Tamb
Ambient temperature
-40
+125
°C
Rth j-case Thermal resistance junction to
case (*)
3°C/W
Tj_sd
Thermal Shutdown Junction
Temperature Threshold
160
175
190
°C
Tj_reg
Start of Temperature dependent
Current Regulation
150
165
180
°C
Table 6. Electrical Characteristcs
( Tj = -40 to +150°C; VS = 5 to 28V)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER SUPPLY
VS
Supply Voltage
Static Condition
4.5
28
V
Dynamic Condition (t < 500ms)
40
V
Undervoltage Shutdown
(at least down to 2.5V) (*)
Switch OFF voltage
4.4
V
Switch ON voltage
4.7
V
Hysteresis
200
mV
VDMS
SPI Undervoltage Shutdown
Device used in SPI mode
2.5
2.8
3.1
V
IS
Supply current
f = 0 kHz, IO = 0 A
f = 20kHz, IO = 0 A
13
30
mA
mA
(*) For supply voltages down to 2.5V the output stages are in tristate condition and the status flag is set to low. Below 2.5V the device
operates in undefined condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com