Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 2 Page - STMicroelectronics

  L9929 Datasheet HTML 1Page - STMicroelectronics L9929 Datasheet HTML 2Page - STMicroelectronics L9929 Datasheet HTML 3Page - STMicroelectronics L9929 Datasheet HTML 4Page - STMicroelectronics L9929 Datasheet HTML 5Page - STMicroelectronics L9929 Datasheet HTML 6Page - STMicroelectronics L9929 Datasheet HTML 7Page - STMicroelectronics L9929 Datasheet HTML 8Page - STMicroelectronics L9929 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
L9929
2/23
Table 2. Pin Function PowerS020
Figure 3. Pin Connection (Top view)
NAME
Description
1
GND
Ground
2
SCK/SF
SPI-Clock/Status-flag
3
IN1
Input 1
4VS
Supply voltage
5
VS
Supply voltage
6
OU1
Output 1
7
OU1
Output 1
8
SO
serial out
9
SI
serial in
10
GND
Ground
11
GND
Ground
12
DMS
Diagnostic-Mode selection (+ Supply Voltage for SPI-Interface)
13
EN
Enable
14
OU2
Output 2
15
OU2
Output 2
16
VS
Supply voltage
17
SS
Slave select
18
DI
Disable
19
IN2
Input 2
20
GND
Ground
GND
SI
DMS
IN1
VS
OU1
VS
OU1
SO
SCK
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
D01AT471
EN
OU2
VS
OU2
SS
DI
IN2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com