Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9929 Datasheet HTML 7Page - STMicroelectronics L9929 Datasheet HTML 8Page - STMicroelectronics L9929 Datasheet HTML 9Page - STMicroelectronics L9929 Datasheet HTML 10Page - STMicroelectronics L9929 Datasheet HTML 11Page - STMicroelectronics L9929 Datasheet HTML 12Page - STMicroelectronics L9929 Datasheet HTML 13Page - STMicroelectronics L9929 Datasheet HTML 14Page - STMicroelectronics L9929 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
L9929
4
Diagnostic
The Diagnosis-Mode can be selected between SPI-Diagnosis and Status-Flag Diagnosis.
The choise of the Diagnosis-Mode is selected by the voltage-level on pin 12 (DMS Diagnosis Mode Selection).
DMS = GND
Status-Flag
DMS = Vcc
SPI-Diagnostic
For the connection of pins SI, SO, SS and SCK/SF see Fig. 13 respectively Fig. 14.
4.1
Status-Flag
The Status-Flag showes the condition „tristate“.
At the following fault-cases the output-stages switches in tristate and set the status-flag from high to low.
- Short circuit of OUT1 or OUT2 against VS or GND
- Short circuit between OUT1 and OUT2
- Overcurrent
- Overtemperature
- Undervoltage on VS
In cause of short circuit or overcurrent, the fault will be stored.
The output stage switches in tristate and the status-flag is set from high level to low-level if the specified value
is exceeded.
If the voltage level changes from high to low on DI or from low to high on EN, the output stage switches on again
and the status-flag is reset to high-level.
In cause of overtemperature the fault will be stored.
The output stage switches in tristate and the status-flag is set from high level to low-level if the specified value
is exceeded.
If the voltage level changes from high to low on DI or from low to high on EN, the output stage switches on again
and the status-flag is reset to high-level.
In cause of undervoltage on VBatt the output stage switches in tristate and the status-flag is set from high level
to low-level if the specified value is fallen. If the voltage has risen about the specified value again, the output
stage switches on again and the status-flag is reset to high-level.
The maximum current which can flow under normal operating conditions is limited to typical Imax. = 8.6A .
When the maximum current value is reached, the output stages are switched tristate for a fixed time.
According to the time-constant the current decreases exponentially until the next switch-on occurs.
At the end if the fixed time the output stage switches on again and the status-flag is reset to high-level.
5SPI-INTERFACE
5.1
General Discription
The serial SPI interface establishes a communication link between L9929 and the systems microcontroller.
L9929 always operates in slave mode whereas the controller provides the master function.
The maximum baud rate is 2 MBaud (200pF).
Applying an active slave select signal at SS L9929 is selected by the SPI master. SI is the data input (Slave In),
SO the data output (Slave Out). Via SCK (Serial Clock Input) the SPI clock is provided by the master.
In case of inactive slave select signal (High) the data output SO goes into tristate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com