Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9929 Datasheet HTML 14Page - STMicroelectronics L9929 Datasheet HTML 15Page - STMicroelectronics L9929 Datasheet HTML 16Page - STMicroelectronics L9929 Datasheet HTML 17Page - STMicroelectronics L9929 Datasheet HTML 18Page - STMicroelectronics L9929 Datasheet HTML 19Page - STMicroelectronics L9929 Datasheet HTML 20Page - STMicroelectronics L9929 Datasheet HTML 21Page - STMicroelectronics L9929 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
L9929
18/23
7
ISO-PULSES
In the main-power-supply-system disturbance transients according to ISO 7637-1 First Edition 1990-06-01
may occur.
By means of external components (see Fig. 12) the following maximum ratings of the IC will not be exceeded.
statical
-1V ...... +40V
dynamical for t < 500 ms
-2V ...... +40V
APPENDIX A
Figure 18.
OUT1
OUT2
Load available
1
1
Open Load
1
0
SC -> GND on OUT1 with Load
0
0
SC detected on normal operation
SC -> GND on OUT2 with Load
0
0
SC detected on normal operation
SC -> UB on OUT1 with Load
1
1
SC detected on normal operation
SC -> UB on OUT2 with Load
1
1
SC detected on normal operation
SC -> GND on OUT1 Open Load
0
0
OL not detected Double Fault
SC -> GND on OUT2 Open Load
1
0
OL detected
SC -> UB on OUT1 Open Load
1
0
OL detected
SC -> UB on OUT2 Open Load
1
1
OL not detected Double Fault
1.5 mA
1 mA
OUT1
OUT2
IN2
IN1
VBatt
int 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com