Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 48Page - Cirrus Logic CS42436 Datasheet HTML 49Page - Cirrus Logic CS42436 Datasheet HTML 50Page - Cirrus Logic CS42436 Datasheet HTML 51Page - Cirrus Logic CS42436 Datasheet HTML 52Page - Cirrus Logic CS42436 Datasheet HTML 53Page - Cirrus Logic CS42436 Datasheet HTML 54Page - Cirrus Logic CS42436 Datasheet HTML 55Page - Cirrus Logic CS42436 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
52
DS647PP2
8
APPENDIX A: EXTERNAL FILTERS
8.1
ADC Input Filter
The analog modulator samples the input at 6.144 MHz (internal MCLK=12.288 MHz). The digital filter will
reject signals within the stopband of the filter. However, there is no rejection for input signals which are
multiples of the digital passband frequency (n
× 6.144 MHz), where n=0,1,2,... Refer to Figures 20 and 21
for a recommended analog input filter that will attenuate any noise energy at 6.144 MHz, in addition to
providing the optimum source impedance for the modulators. Refer to Figures 22 and 23 for low cost, low
component count passive input filters. The use of capacitors which have a large voltage coefficient (such
as general-purpose ceramics) must be avoided since these can degrade signal linearity.
VA
+
+
-
-
4.7
µF
100 k
Ω
10 k
Ω
100 k
Ω
100 k
Ω
0.1
µF
100
µF
470pF
470 pF
C0G
C0G
634
Ω
634
Ω
634
Ω
91
Ω
91
Ω
2700 pF
C0G
332
Ω
AINx+
AINx-
ADC1-3
Figure 20. Single to Differential Active Input Filter
-
+
470 pF
C0G
634
Ω
91
Ω
2700 pF
C0G
4.7
µF
100 k
Ω
100 k
Ω
100 k
Ω
VA
4.7
µF
AIN1+,2+,3+,4+
AIN1-,2-,3-,4-
ADC1-2
ADC3
-
+
470 pF
C0G
634
Ω
91
Ω
2700 pF
C0G
4.7
µF
100 k
Ω
100 k
Ω
100 k
Ω
VA
AIN5A,6A
-
+
470 pF
C0G
634
Ω
91
Ω
2700 pF
C0G
4.7
µF
100 k
Ω
100 k
Ω
100 k
Ω
VA
AIN5B,6B
Figure 21. Single-Ended Active Input Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com