Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 17Page - Cirrus Logic CS42436 Datasheet HTML 18Page - Cirrus Logic CS42436 Datasheet HTML 19Page - Cirrus Logic CS42436 Datasheet HTML 20Page - Cirrus Logic CS42436 Datasheet HTML 21Page - Cirrus Logic CS42436 Datasheet HTML 22Page - Cirrus Logic CS42436 Datasheet HTML 23Page - Cirrus Logic CS42436 Datasheet HTML 24Page - Cirrus Logic CS42436 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
DS647PP2
21
COMBINED DAC INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
Notes: 13. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 34 to 45) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
14. Single and Double Speed Mode Measurement Bandwidth is from Stopband to 3 Fs.
Quad Speed Mode Measurement Bandwidth is from Stopband to 1.34 Fs.
15. De-emphasis is only available in Single Speed Mode.
Parameter (Note 8, 13)
Min
Typ
Max
Unit
Single Speed Mode
Passband (Frequency Response)
to -0.05 dB corner
to -3 dB corner
0
0
-
-
0.4780
0.4996
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.2
-
+0.08
dB
StopBand
0.5465
-
-
Fs
StopBand Attenuation
(Note 14)
50
-
-
dB
Group Delay
-
10/Fs
-
s
De-emphasis Error (Note 15)
Fs = 32 kHz
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+1.5/+0
+0.05/-0.25
-0.2/-0.4
dB
dB
dB
Double Speed Mode
Passband (Frequency Response)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.4650
0.4982
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.2
-
+0.7
dB
StopBand
0.5770
-
-
Fs
StopBand Attenuation
(Note 14)
55
-
-
dB
Group Delay
-
5/Fs
-
s
Quad Speed Mode
Passband (Frequency Response)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.397
0.476
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.2
-
+0.05
dB
StopBand
0.7
-
-
Fs
StopBand Attenuation
(Note 14)
51
-
-
dB
Group Delay
-
2.5/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com