Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 28Page - Cirrus Logic CS42436 Datasheet HTML 29Page - Cirrus Logic CS42436 Datasheet HTML 30Page - Cirrus Logic CS42436 Datasheet HTML 31Page - Cirrus Logic CS42436 Datasheet HTML 32Page - Cirrus Logic CS42436 Datasheet HTML 33Page - Cirrus Logic CS42436 Datasheet HTML 34Page - Cirrus Logic CS42436 Datasheet HTML 35Page - Cirrus Logic CS42436 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
32
DS647PP2
No Power
1. VQ = ?
2. Aout bias = ?
3. No audio signal
generated.
Control Port
Accessed
Control Port
Access Detected?
Valid MCLK
Applied?
Valid MCLK
Applied?
No
PDN bit = '1'b?
Sub-Clocks Applied
1. LRCK valid.
2. SCLK valid.
3. Audio samples
processed.
Valid
MCLK/LRCK
Ratio?
No
Yes
Yes
No
Yes
No
Yes
No
Yes
Yes
No
Normal Operation
1. VQ = VA/2.
2. Aout bias = VA/2.
3. Audio signal generated per register settings.
Analog Output Freeze
1. VQ = VA/2.
2. Aout bias = VA/2 + last audio sample.
3. No audio signal generated.
Analog Output Mute
1. VQ = VA/2.
2. Aout bias = VA/2.
3. No audio signal generated.
ERROR: MCLK/LRCK ratio change
ERROR: MCLK removed
RST = Low
ERROR: Power removed
PDN bit set
to '1'b
Software Mode
Registers setup to
desired settings.
Hardware Mode
H/W pins setup to
desired settings.
RST = Low?
2000 LRCK delay
Power-Up
1. VQ = VA/2.
2. Aout bias = VQ.
Power-Down
1. VQ discharge to 0 V.
2. Aout bias = Hi-Z.
3. No audio signal generated.
4. Control Port Registers retain
settings.
Power-Down (Power Applied)
1. VQ = 0 V.
2. Aout = Hi-Z.
3. No audio signal generated.
4. Control Port Registers reset
to default.
Figure 11. Audio Output Initialization Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com