Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 41Page - Cirrus Logic CS42436 Datasheet HTML 42Page - Cirrus Logic CS42436 Datasheet HTML 43Page - Cirrus Logic CS42436 Datasheet HTML 44Page - Cirrus Logic CS42436 Datasheet HTML 45Page - Cirrus Logic CS42436 Datasheet HTML 46Page - Cirrus Logic CS42436 Datasheet HTML 47Page - Cirrus Logic CS42436 Datasheet HTML 48Page - Cirrus Logic CS42436 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
DS647PP2
45
7.4
FUNCTIONAL MODE (ADDRESS 03H)
7.4.1
MCLK FREQUENCY (MFREQ[2:0])
Default = 000
Function:
Sets the appropriate frequency for the supplied MCLK. For TDM operation, SCLK must equal 256Fs.
MCLK can be equal to or greater than SCLK.
7.5
MISCELLANEOUS CONTROL (ADDRESS 04H)
7.5.1
FREEZE CONTROLS (FREEZE)
Default = 0
Function:
This function will freeze the previous settings of, and allow modifications to be made to the channel
mutes, the DAC and ADC Volume Control/Channel Invert registers without the changes taking effect
until the FREEZE is disabled. To have multiple changes in these control port registers take effect si-
multaneously, enable the FREEZE bit, make all register changes, then disable the FREEZE bit.
7.5.2
AUXILIARY DIGITAL INTERFACE FORMAT (AUX_DIF)
Default = 0
0 - Left Justified
1 - I²S
Function:
This bit selects the digital interface format used for the AUX Serial Port. The required relationship be-
tween the Left/Right clock, serial clock and serial data is defined by the Digital Interface Format and
the options are detailed in Figures 15-16.
7
654
32
10
Reserved
Reserved
Reserved
Reserved
MFreq2
MFreq1
MFreq0
Reserved
Ratio (xFs)
MFreq2
MFreq1
MFreq0
Description
SSM
DSM
QSM
00
0
1.0290 MHz to 12.8000 MHz
256
N/A
N/A
00
1
1.5360 MHz to 19.2000 MHz
384
N/A
N/A
01
0
2.0480 MHz to 25.6000 MHz
512
256
N/A
01
1
3.0720 MHz to 38.4000 MHz
768
384
N/A
1X
X
4.0960 MHz to 51.2000 MHz
1024
512
256
Table 7. MCLK Frequency Settings
7
654
32
10
FREEZE
AUX_DIF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com