Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 57Page - Cirrus Logic CS42436 Datasheet HTML 58Page - Cirrus Logic CS42436 Datasheet HTML 59Page - Cirrus Logic CS42436 Datasheet HTML 60Page - Cirrus Logic CS42436 Datasheet HTML 61Page - Cirrus Logic CS42436 Datasheet HTML 62Page - Cirrus Logic CS42436 Datasheet HTML 63Page - Cirrus Logic CS42436 Datasheet HTML 64Page - Cirrus Logic CS42436 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
DS647PP2
61
12 REFERENCES
1) Cirrus Logic, Audio Quality Measurement Specification, Version 1.0, 1997.
http://www.cirrus.com/products/papers/meas/meas.html
2)
Cirrus Logic, AN18: Layout and Design Rules for Data Converters and Other Mixed Signal Devices,
Version 6.0, February 1998.
3)
Cirrus Logic, Techniques to Measure and Maximize the Performance of a 120 dB, 96 kHz A/D Con-
verter Integrated Circuit, by Steven Harris, Steven Green and Ka Leung. Presented at the 103rd Conven-
tion of the Audio Engineering Society, September 1997.
4)
Cirrus Logic, A Stereo 16-bit delta-sigma A/D Converter for Digital Audio, by D.R. Welland, B.P. Del
Signore, E.J. Swanson, T. Tanaka, K. Hamashita, S. Hara, K. Takasuka. Paper presented at the 85th
Convention of the Audio Engineering Society, November 1988.
5)
Cirrus Logic, The Effects of Sampling Clock Jitter on Nyquist Sampling Analog-to-Digital Converters,
and on Oversampling Delta Sigma ADC's, by Steven Harris. Paper presented at the 87th Convention of
the Audio Engineering Society, October 1989.
6)
Cirrus Logic, An 18-Bit Dual-Channel Oversampling delta-sigma A/D Converter, with 19-Bit Mono Ap-
plication Example, by Clif Sanchez. Paper presented at the 87th Convention of the Audio Engineering So-
ciety, October 1989.
7)
Cirrus Logic, How to Achieve Optimum Performance from delta-sigma A/D and D/A Converters,by
Steven Harris. Presented at the 93rd Convention of the Audio Engineering Society, October 1992.
8)
Cirrus Logic, A Fifth-Order Delta-sigma Modulator with 110 dB Audio Dynamic Range, by I. Fujimori,
K. Hamashita and E.J. Swanson. Paper presented at the 93rd Convention of the Audio Engineering So-
ciety, October 1992.
9)
Philips Semiconductor, The I²C-Bus Specification: Version 2.1, January 2000. http://www.semicon-
ductors.philips.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com