Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 7Page - Cirrus Logic CS42436 Datasheet HTML 8Page - Cirrus Logic CS42436 Datasheet HTML 9Page - Cirrus Logic CS42436 Datasheet HTML 10Page - Cirrus Logic CS42436 Datasheet HTML 11Page - Cirrus Logic CS42436 Datasheet HTML 12Page - Cirrus Logic CS42436 Datasheet HTML 13Page - Cirrus Logic CS42436 Datasheet HTML 14Page - Cirrus Logic CS42436 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
DS647PP2
11
3
TYPICAL CONNECTION DIAGRAMS
100 µF
0.1 µF
+
+
VQ
FILT+
0.1 µF
4.7 µF
VA
0.01 µF
DGND
Digital Audio
Processor
CS5341
A/D
Converter
VA
VD
AGND
AGND
AIN1+
AIN1-
Connect DGND and AGND at Codec
0.01 µF
+
10 µF
0.01 µF
+3.3 V
+
10 µF
0.01 µF
+1.8 V
to +5.0 V
Analog Input 1
Input
Filter 1
1. See the ADC Input Filter section in the Appendix.
2. See the DAC Output Filter section in the Appendix.
Analog Input 2
Analog Input 3
Analog Input 4
AIN5+/AIN5A
+3.3 V to +5 V
DGND
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
AIN5-/AIN5B
AIN6+/AIN6A
AIN6-/AIN6B
Analog Input 5
Analog Input 6
Analog Input 5A
Analog Input 5B
Analog Input 6A
Analog Input 6B
Input
Filter 1
AOUT1+
AOUT1-
AOUT2+
AOUT2-
AOUT3+
AOUT3-
AOUT4+
AOUT4-
Analog Output Filter 2
Analog Output Filter 2
Analog Output Filter 2
AOUT5+
AOUT5-
AOUT6+
AOUT6-
Analog Output Filter 2
Analog Output Filter 2
Analog Output Filter 2
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
0.1 µF
+1.8 V
to +5 V
Micro-
Controller
2 k
Ω
2 k
Ω
**
**
** Resistors are required for
I2C control port operation
17
16
10
15
13
14
7
11
12
3
4
2
1
5
6
9
48
35
18
47
37
51
52
49
50
44
45
42
43
40
41
38
39
30
29
27
28
26
25
23
24
22
21
19
20
46
37
8
VLC
SCL/CCLK
RST
AD0/CS
SDA/CDOUT
AD1/CDIN
VLS
MCLK
AUX_SDIN
DAC_SDIN
FS
SCLK
AUX_SCLK
AUX_LRCK
ADC_SDOUT
Figure 1. Typical Connection Diagram (Software Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com