Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 25Page - Cirrus Logic CS42436 Datasheet HTML 26Page - Cirrus Logic CS42436 Datasheet HTML 27Page - Cirrus Logic CS42436 Datasheet HTML 28Page - Cirrus Logic CS42436 Datasheet HTML 29Page - Cirrus Logic CS42436 Datasheet HTML 30Page - Cirrus Logic CS42436 Datasheet HTML 31Page - Cirrus Logic CS42436 Datasheet HTML 32Page - Cirrus Logic CS42436 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
DS647PP2
29
5.2.2 ADC3 Analog Input
ADC3 accommodates differential as well as single-ended inputs. In Single-Ended mode, an in-
ternal MUX selects from up to 4 single-ended inputs.
Hardware Mode
Single-Ended mode is selected using a pull-up on the ADC_SDOUT/ADC3_SINGLE pin during
startup. Analog input selection is then made via the AINx_MUX pins. See Tables 3-4 below for
ADC3 setup options. Refer to Figure 10 on page 29 for the internal ADC3 analog input topology.
Full-Scale Differential Input Level =
(AINx+) - (AINx-) = 5.6 VPP = 1.98 VRMS
AINx+
AINx-
3.9 V
2.5 V
1.1 V
5.0 V
3.9 V
2.5 V
1.1 V
VA
Figure 9. Full-Scale Input
AIN5
+
-
AIN5_MUX
VQ
AIN6_MUX
VQ
ADC3
Single-Ended Input Filter
Single-Ended Input Filter
Single-Ended Input Filter
Single-Ended Input Filter
Differential
Input Filter
50
49
52
51
ADC3 SINGLE
Differential
Input Filter
AIN5A
AIN5B
AIN5+/-
AIN6+/-
AIN6A
AIN6B
1
0
1
0
1
0
0
1
AIN6
+
-
1
0
0
1
Figure 10. ADC3 Input Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com