Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 58Page - Cirrus Logic CS42436 Datasheet HTML 59Page - Cirrus Logic CS42436 Datasheet HTML 60Page - Cirrus Logic CS42436 Datasheet HTML 61Page - Cirrus Logic CS42436 Datasheet HTML 62Page - Cirrus Logic CS42436 Datasheet HTML 63Page - Cirrus Logic CS42436 Datasheet HTML 64Page - Cirrus Logic CS42436 Datasheet HTML 65Page - Cirrus Logic CS42436 Datasheet HTML 66Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
64
DS647PP2
15 REVISION HISTORY
Revision
Date
Changes
A1
July 2004
Initial Release
A2
October 2004
Corrected
I²C Address in section 5.7.2 on page 38.
Corrected
Chip I.D. in section 7.2.1 on page 43.
PP1
January 2005
Initial Preliminary Product (PP) Release
subject to legal notice below.
Added
pin numbers to “Typical Connection Diagram (Software Mode)” on
page 11 and “Typical Connection Diagram (Hardware Mode)” on page 12.
Changed
ADC Double-Speed Mode parameters. See Note 2 on page 13 and
Note 18 on page 22.
Added
ADC3 MUX Interchannel Isolation characteristic in section “Character-
istics and Specifications” beginning on page 13.
Changed
ADC Passband Ripple maximum specifications for SSM, DSM &
QSM in section “Characteristics and Specifications” beginning on page 13.
Changed
DAC Frequency Response specifications for SSM, DSM & QSM in
section “Characteristics and Specifications” beginning on page 13.
Removed
ADC Quad-Speed Mode feature. See Note 19 on page 22.
Added
section “De-Emphasis Filter” on page 33.
Corrected
section “TDM” on page 34.
Changed
AIN1-6 Volume Control range from (+12 dB to -115.5 dB) to (+24 dB
to -64 dB) in register “AINx Volume Control (AINx_VOL[7:0])” on page 50.
Removed
the register “Status Control (address 18h)”. See “CLOCK ERROR
(CLK Error)” on page 51 and “ADC Overflow (ADCX_OVFL)” on page 51 for
the Active Mode setting.
PP2
February 2005
Corrected
Figures 21-23.
Added
section “Ordering Information” on page 63.
Table 10. Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com