Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 27Page - Cirrus Logic CS42436 Datasheet HTML 28Page - Cirrus Logic CS42436 Datasheet HTML 29Page - Cirrus Logic CS42436 Datasheet HTML 30Page - Cirrus Logic CS42436 Datasheet HTML 31Page - Cirrus Logic CS42436 Datasheet HTML 32Page - Cirrus Logic CS42436 Datasheet HTML 33Page - Cirrus Logic CS42436 Datasheet HTML 34Page - Cirrus Logic CS42436 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
DS647PP2
31
5.3
Analog Outputs
5.3.1 Initialization
The initialization and Power-Down sequence flow chart is shown in Figure 11 on page 32. The
CS42436 enters a Power-Down state upon initial power-up. The interpolation & decimation fil-
ters, delta-sigma modulators and control port registers are reset. The internal voltage reference,
multi-bit digital-to-analog and analog-to-digital converters and switched-capacitor low-pass fil-
ters are powered down.
The device will remain in the Power-Down state until the RST pin is brought high. The control
port is accessible once RST is high and the desired register settings can be loaded per the in-
terface descriptions in the “Control Port Description and Timing” on page 37. In hardware mode
operation, the hardware mode pins must be setup before RST is brought high. All features will
default to the hardware mode defaults as listed in Table 2.
Once MCLK is valid, VQ will quickly charge to VA/2, and the internal voltage reference, FILT+,
will begin powering up to normal operation. Power is applied to the D/A converters and switched-
capacitor filters, and the analog outputs are clamped to the quiescent voltage, VQ. Once LRCK is
valid, MCLK occurrences are counted over one LRCK period to determine the MCLK/LRCK fre-
quency ratio. After an approximate 2000 sample period delay, normal operation begins.
5.3.2 Line-level Outputs and Filtering
The CS42436 contains on-chip buffer amplifiers capable of producing line level differential as
well as single-ended outputs on AOUT1-AOUT6. These amplifiers are biased to a quiescent DC
level of approximately VQ.
The delta-sigma conversion process produces high frequency noise beyond the audio pass-
band, most of which is removed by the on-chip analog filters. The remaining out-of-band noise
can be attenuated using an off-chip low pass filter.
See “DAC Output Filter” on page 55 for recommended output filter. The active filter configuration
accounts for the normally differing AC loads on the AOUTx+ and AOUTx- differential output pins.
Also shown is a passive filter configuration which minimizes costs and the number of compo-
nents.
Figure 12 shows the full-scale analog output levels. All outputs are internally biased to VQ, ap-
proximately VA/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com