Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 196 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 196 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 192Page - STMicroelectronics ST92195D Datasheet HTML 193Page - STMicroelectronics ST92195D Datasheet HTML 194Page - STMicroelectronics ST92195D Datasheet HTML 195Page - STMicroelectronics ST92195D Datasheet HTML 196Page - STMicroelectronics ST92195D Datasheet HTML 197Page - STMicroelectronics ST92195D Datasheet HTML 198Page - STMicroelectronics ST92195D Datasheet HTML 199Page - STMicroelectronics ST92195D Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 249 page
background image
196/249
ST92195C/D - A/D CONVERTER (A/D)
7.11 A/D CONVERTER (A/D)
7.11.1 Introduction
The 8 bit Analog to Digital Converter uses a fully
differential analog configuration for the best noise
immunity and precision performance. The analog
voltage references of the converter are connected
to the internal AVDD & AVSS analog supply pins of
the chip if they are available, otherwise to the ordi-
nary VDD and VSS supply pins of the chip. The
guaranteed accuracy depends on the device (see
Electrical Characteristics). A fast Sample/Hold al-
lows quick signal sampling for minimum warping
effect and conversion error.
7.11.2 Main Features
s
8-bit resolution A/D Converter
s
Single Conversion Time (including Sampling
Time):
– 138 internal system clock periods in slow
mode (~5.6 µs @25 MHz internal system
clock);
– 78 INTCLK periods in fast mode (~6.5 µs @
12 MHz internal system clock)
s
Sample/Hold: Tsample=
– 84 INTCLK periods in slow mode (~3.4 µs
@25 MHz internal system clock)
– 48 INTCLK periods in fast mode (~4 µs
@12 MHz internal system clock)
s
Up to 4 Analog Inputs (the number of inputs is
device dependent, see device pinout)
s
Single/Continuous Conversion Mode
s
External/Internal
source
Trigger
(Alternate
synchronization)
s
Power Down mode (Zero Power Consumption)
s
1 Control Logic Register
s
1 Data Register
7.11.3 General Description
Depending on the device, up to 8 analog inputs
can be selected by software.
Different conversion modes are provided: single,
continuous, or triggered. The continuous mode
performs a continuous conversion flow of the se-
lected channel, while in the single mode the se-
lected channel is converted once and then the log-
ic waits for a new hardware or software restart.
A data register (ADDTR) is available, mapped in
page 62, allowing data storage (in single or contin-
uous mode).
The start conversion event can be managed by
software, writing the START/STOP bit of the Con-
trol Logic Register or by hardware using either:
– An external signal on the EXTRG triggered input
(negative edge sensitive) connected as an Alter-
nate Function to an I/O port bit
– An On Chip Event generated by another periph-
eral, such as the MFT (Multifunction Timer).
Figure 106. A/D Converter Block Diagram
n
SUCCESSIVE
APPROXIMATION
REGISTER
ANALOG
MUX
DATA
REGISTER
CONTROL LOGIC
S/H
Ain1
Ainx
INTRG
(On Chip Event)
Ain0
EXTRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com