Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 195Page - STMicroelectronics ST92195D Datasheet HTML 196Page - STMicroelectronics ST92195D Datasheet HTML 197Page - STMicroelectronics ST92195D Datasheet HTML 198Page - STMicroelectronics ST92195D Datasheet HTML 199Page - STMicroelectronics ST92195D Datasheet HTML 200Page - STMicroelectronics ST92195D Datasheet HTML 201Page - STMicroelectronics ST92195D Datasheet HTML 202Page - STMicroelectronics ST92195D Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 249 page
background image
199/249
ST92195C/D - A/D CONVERTER (A/D)
A/D CONVERTER (Cont’d)
A/D CHANNEL i DATA REGISTER (ADDTR)
R240 - Read/Write
Register Page: 62
Reset value: undefined
The result of the conversion of the selected chan-
nel is stored in the 8-bit ADDTR, which is reloaded
with a new value every time a conversion ends.
Bits 7:0 = R[7:0]:
Channel i conversion result.
A/D INTERRUPT REGISTER (ADINT)
Register Page: 62
R242 - Read/write
Reset value: 0000 0001 (01h)
Bits 7:1 = Reserved.
Bit 0 = AD-INT:
AD Converter Interrupt Enable.
This bit is set and cleared by software. It allows the
interrupt source to be switched between the A/D
Converter and an external interrupt pin (See Inter-
rupts chapter).
0: A/D Interrupt disabled. External pin selected as
interrupt source.
1: A/D Interrupt enabled
70
R.7
R.6
R.5
R.4
R.3
R.2
R.1
R.0
70
0
0
0
0
0
0
0
AD-INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com