Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 197 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 197 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 193Page - STMicroelectronics ST92195D Datasheet HTML 194Page - STMicroelectronics ST92195D Datasheet HTML 195Page - STMicroelectronics ST92195D Datasheet HTML 196Page - STMicroelectronics ST92195D Datasheet HTML 197Page - STMicroelectronics ST92195D Datasheet HTML 198Page - STMicroelectronics ST92195D Datasheet HTML 199Page - STMicroelectronics ST92195D Datasheet HTML 200Page - STMicroelectronics ST92195D Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 249 page
background image
197/249
ST92195C/D - A/D CONVERTER (A/D)
A/D CONVERTER (Cont’d)
The conversion technique used is successive ap-
proximation, with AC coupled analog fully differen-
tial comparators blocks plus a Sample and Hold
logic and a reference generator.
The internal reference (DAC) is based on the use
of a binary-ratioed capacitor array. This technique
allows the specified monotonicity (using the same
ratioed capacitors as sampling capacitor). A Pow-
er Down programmable bit sets the A/D converter
analog section to a zero consumption idle status.
7.11.3.1 Operating Modes
The two main operating modes, single and contin-
uous, can be selected by writing 0 (reset value) or
1 into the CONT bit of the Control Logic Register.
Single Mode
In single mode (CONT=0 in ADCLR) the STR bit is
forced to '0' after the end of channel i-th conver-
sion; then the A/D waits for a new start event. This
mode is useful when a set of signals must be sam-
pled at a fixed frequency imposed by a Timer unit
or an external generator (through the alternate
synchronization feature). A simple software rou-
tine monitoring the STR bit can be used to save
the current value before a new conversion ends
(so to create a signal samples table within the in-
ternal memory or the Register File). Furthermore,
if the R242.0 bit (register AD-INT, bit 0) is set, at
the end of conversion a negative edge on the con-
nected external interrupt channel (see Interrupts
Chapter) is generated to allow the reading of the
converted data by means of an interrupt routine.
Continuous Mode
In continuous mode (CONT=1 in ADCLR) a con-
tinuous conversion flow is entered by a start event
on the selected channel until the STR bit is reset
by software.
At the end of each conversion, the Data Register
(ADCDR) content is updated with the last conver-
sion result, while the former value is lost. When the
conversion flow is stopped, an interrupt request is
generated with the same modality previously de-
scribed.
7.11.3.2 Alternate Synchronization
This feature is available in both single/continuous
modes. The negative edge of external EXTRG sig-
nal or the occurrence of an on-chip event generat-
ed by another peripheral can be used to synchro-
nize the conversion start with a trigger pulse.
These events can be enabled or masked by pro-
gramming the TRG bit in the ADCLR Register.
The effect of alternate synchronization is to set the
STR bit, which is cleared by hardware at the end of
each conversion in single mode. In continuous
mode any trigger pulse following the first one will
be ignored. The synchronization source must pro-
vide a pulse (1.5 internal system clock, 125ns @
12 MHz internal clock) of minimum width, and a
period greater (in single mode) than the conver-
sion time (~6.5us @ 12 MHz internal clock). If a
trigger occurs when the STR bit is still '1' (conver-
sions still in progress), it is ignored (see Electrical
Characteristics).
WARNING: If the EXTRG or INTRG signals are al-
ready active when TRG bit is set, the conversion
starts immediately.
7.11.3.3 Power-Up Operations
Before enabling any A/D operation mode, set the
POW bit of the ADCLR Register at least 60 µs be-
fore the first conversion starts to enable the bias-
ing circuits inside the analog section of the con-
verter. Clearing the POW bit is useful when the
A/D is not used so reducing the total chip power
consumption. This state is also the reset configu-
ration and it is forced by hardware when the core is
in HALT state (after a HALT instruction execution).
7.11.3.4 Register Mapping
It is possible to have two independent A/D convert-
ers in the same device. In this case they are
named A/D 0 and A/D 1. If the device has one A/D
converter it uses the register addresses of A/D 0.
The register map is the following:
If two A/D converters are present, the registers are
renamed, adding the suffix 0 to the A/D 0 registers
and 1 to the A/D 1 registers.
Register Address
ADn
Page 62 (3Eh)
F0h
A/D 0
ADDTR0
F1h
A/D 0
ADCLR0
F2h
A/D 0
ADINT0
F3-F7h
A/D 0
Reserved
F8h
A/D 1
ADDTR1
F9h
A/D 1
ADCLR1
FAh
A/D 1
ADINT1
FB-FFh
A/D 1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com