Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 198 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 198 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 194Page - STMicroelectronics ST92195D Datasheet HTML 195Page - STMicroelectronics ST92195D Datasheet HTML 196Page - STMicroelectronics ST92195D Datasheet HTML 197Page - STMicroelectronics ST92195D Datasheet HTML 198Page - STMicroelectronics ST92195D Datasheet HTML 199Page - STMicroelectronics ST92195D Datasheet HTML 200Page - STMicroelectronics ST92195D Datasheet HTML 201Page - STMicroelectronics ST92195D Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 249 page
background image
198/249
ST92195C/D - A/D CONVERTER (A/D)
A/D CONVERTER (Cont’d)
7.11.4 Register Description
A/D CONTROL LOGIC REGISTER (ADCLR)
R241 - Read/Write
Register Page: 62
Reset value: 0000 0000 (00h)
This 8-bit register manages the A/D logic opera-
tions. Any write operation to it will cause the cur-
rent conversion to be aborted and the logic to be
re-initialized to the starting configuration.
Bits 7:5 = C[2:0]:
Channel Address.
These bits are set and cleared by software. They
select channel i conversion as follows:
Bit 4 = FS:
Fast/Slow.
This bit is set and cleared by software.
0: Fast mode. Single conversion time: 78 x
INTCLK (5.75µs at INTCLK = 12 MHz)
1: Slow mode. Single conversion time: 138 x
INTCLK (11.5µs at INTCLK = 12 MHz)
Note: Fast conversion mode is only allowed for in-
ternal speeds which do not exceed 12 MHz.
Bit 3 = TRG:
External/Internal Trigger Enable.
This bit is set and cleared by software.
0: External/Internal Trigger disabled.
1: Either a negative (falling) edge on the EXTRG
pin or an On Chip Event writes a “1” into the
STR bit, enabling start of conversion.
Note: Triggering by on chip event is available on
devices with the multifunction timer (MFT) periph-
eral.
Bit 2 = POW:
Power Enable.
This bit is set and cleared by software.
0: Disables all power consuming logic.
1: Enables the A/D logic and analog circuitry.
Bit 1 = CONT:
Continuous/Single Mode Select.
This bit it set and cleared by software.
0: Single mode: after the current conversion ends,
the STR bit is reset by hardware and the con-
verter logic is put in a wait status. To start anoth-
er conversion, the STR bit has to be set by soft-
ware or hardware.
1: Select Continuous Mode, a continuous flow of
A/D conversions on the selected channel, start-
ing when the STR bit is set.
Bit 0 = STR:
Start/Stop.
This bit is set and cleared by software. It is also set
by hardware when the A/D is synchronized with an
external/internal trigger.
0: Stop conversion on channel i. An interrupt is
generated if the STR was previously set and the
AD-INT bit is set.
1: Start conversion on channel i
WARNING: When accessing this register, it is rec-
ommended to keep the related A/D interrupt chan-
nel masked or disabled to avoid spurious interrupt
requests.
70
C2
C1
C0
FS
TRG POW
CON
T
STR
C2
C1
C0
Channel Enabled
0
0
0
0
1
0
0
1
1
0
0
1
0
1
0
Channel 0
Channel 1
Channel 2
Channel 4
Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com