Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T62 Datasheet HTML 1Page - STMicroelectronics M41T62 Datasheet HTML 2Page - STMicroelectronics M41T62 Datasheet HTML 3Page - STMicroelectronics M41T62 Datasheet HTML 4Page - STMicroelectronics M41T62 Datasheet HTML 5Page - STMicroelectronics M41T62 Datasheet HTML 6Page - STMicroelectronics M41T62 Datasheet HTML 7Page - STMicroelectronics M41T62 Datasheet HTML 8Page - STMicroelectronics M41T62 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Figure 7. M41T62 block diagram
REAL TIME CLOCK
CALENDAR
RTC W/ALARM
OSCILLATOR FAIL
DETECT
SQUARE WAVE
WATCHDOG
IRQ/OUT (1)
SQW (2)
OFIE
SDA
SCL
AFE
SQWE
I²C
INTERFACE
32 kHz
OSCILLATOR
XTAL
(3)
(3)
1.
Open drain.
2.
Defaults to 32 kHz on power-up.
3.
Not bonded on embedded crystal (LCC) package.
Figure 8. M41T64 block diagram
REAL TIME CLOCK
CALENDAR
RTC W/ALARM
OSCILLATOR FAIL
DETECT
SQUARE WAVE
WATCHDOG
SQW (2)
F32K
(1)
32KE
SDA
SCL
SQWE
I²C
INTERFACE
32 kHz
OSCILLATOR
XTAL
1.
Defaults enabled on power-up.
2.
Open drain.
Figure 9. M41T65 block diagram
REAL TIME CLOCK
CALENDAR
RTC W/ALARM
OSCILLATOR FAIL
DETECT
WATCHDOG
IRQ/FT/OUT(1)
WDO(1)
OFIE
SDA
SCL
FT
AFE
I²C
INTERFACE
32 kHz
OSCILLATOR
XTAL
1.
Open drain.
M41T62, M41T64, M41T65
Description
DS3840 - Rev 24
page 5/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com