Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 8Page - STMicroelectronics M41T62 Datasheet HTML 9Page - STMicroelectronics M41T62 Datasheet HTML 10Page - STMicroelectronics M41T62 Datasheet HTML 11Page - STMicroelectronics M41T62 Datasheet HTML 12Page - STMicroelectronics M41T62 Datasheet HTML 13Page - STMicroelectronics M41T62 Datasheet HTML 14Page - STMicroelectronics M41T62 Datasheet HTML 15Page - STMicroelectronics M41T62 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Figure 17. Buffer/transfer registers
32KHz
OSC
DIVIDE BY
32768
1 Hz
READ / WRITE
BUFFER
TRANS FER
REGIS TERS
I2C
I2C
INTERFACE
CENTURIES
YEARS
MONTHS
DATE
DAY-OF-WEEK
HOURS
MINUTES
SECONDS
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
2
CLOCK COUNTERS ARE
ACCES S ED INDIRECTLY
THRU BUFFER/TRANS FER
REGIS TERS
FLAGS
NON-CLOCK
REGISTERS
CALIBRATION
WATCHDOG
NON-CLOCK REGIS TERS
ARE DIRECTLY ACCES S ED
DATA TRANS FERRED
OUT OF I2C INTERFACE
ON 8th FALLING EDGE
OF S CL (ON WRITES )
ON WRITES, DATA TRANS FERRED
FROM BUFFERS TO COUNTERS
WHEN ADDRES S P OINTER
INCREMENTS TO 8 OR WHEN I2C
S TOP CONDITION IS RECEIVED
AT S TART OF READ, UDATES FROM COUNTERS
ARE HALTED AND P RES ENT TIME IS FROZEN
IN BUFFER/TRANS FER REGIS TERS.
Updates
During normal operation when the user is not accessing the device, the buffer/transfer registers are kept updated
with a copy of the RTC counters. At the start of an I²C read or write cycle, the updating is halted and the present
time is frozen in the buffer/transfer registers.
Reads of the clock registers
By halting the updates at the start of an I²C access, the user is ensured that all the data transferred out during a
read sequence comes from the same instant in time.
Write timing
When writing to the device, the data is shifted into the M41T62's I²C interface on the rising edge of the SCL
signal. As shown in Figure 17. Buffer/transfer registers, on the 8th clock cycle, the data is transferred from the I²C
block into whichever register is being pointed to by the address pointer (not shown).
Writes to the clock registers (addresses 0-7)
Data written to the clock registers (addresses 0-7) is held in the buffer registers until the address pointer
increments to 8, or an I²C stop condition occurs, at which time the data in the buffer/registers is simultaneously
copied into the counters, and then the clock is re-started.
M41T62, M41T64, M41T65
RTC registers
DS3840 - Rev 24
page 12/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com