Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 17Page - STMicroelectronics M41T62 Datasheet HTML 18Page - STMicroelectronics M41T62 Datasheet HTML 19Page - STMicroelectronics M41T62 Datasheet HTML 20Page - STMicroelectronics M41T62 Datasheet HTML 21Page - STMicroelectronics M41T62 Datasheet HTML 22Page - STMicroelectronics M41T62 Datasheet HTML 23Page - STMicroelectronics M41T62 Datasheet HTML 24Page - STMicroelectronics M41T62 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
3.11
Oscillator stop detection
If the oscillator fail (OF) bit is internally set to a '1,' this indicates that the oscillator has either stopped, or was
stopped for some period of time and can be used to judge the validity of the clock and date data. This bit will be
set to '1' any time the oscillator stops.
In the event the OF bit is found to be set to '1' at any time other than the initial power-up, the STOP bit (ST)
should be written to a '1,' then immediately reset to '0.' This will restart the oscillator.
The following conditions can cause the OF bit to be set:
•
The first time power is applied (defaults to a '1' on power-up).
Note:
If the OF bit cannot be written to '0' four (4) seconds after the initial power-up, the STOP bit (ST) should be
written to a '1,' then immediately reset to '0.'
•
The voltage present on VCC or battery is insufficient to support oscillation.
•
The ST bit is set to '1.'
•
External interference of the crystal
If the oscillator fail interrupt enable bit (OFIE) is set to a '1,' the IRQ pin will also be activated. The IRQ output is
cleared by resetting the OFIE or OF bit to '0' (NOT by reading the flag register).
The OF bit will remain set to '1' until written to logic '0.' The oscillator must start and have run for at least 4
seconds before attempting to reset the OF bit to '0.' If the trigger event occurs during a power-down condition, this
bit will be set correctly.
3.12
Initial power-on defaults
Upon application of power to the device, the register bits will initially power-on in the state indicated in
Table 9. Initial power-up values.
Table 9. Initial power-up values
Condition
Device
ST
OF
OFIE
OUT
FT
AFE
SQWE
32KE
RS3-1
RS0
Watchdog
Initial power-
up(1)
M41T62
0
1
0
1
N/A
0
1
N/A
0
1
0
M41T64
0
1
N/A
N/A
N/A
N/A
0
1
0
1
0
M41T65
0
1
0
1
0
0
N/A
N/A
N/A
N/A
0
1. All other control bits power up in an undetermined state.
M41T62, M41T64, M41T65
Oscillator stop detection
DS3840 - Rev 24
page 21/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com