Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 15Page - STMicroelectronics M41T62 Datasheet HTML 16Page - STMicroelectronics M41T62 Datasheet HTML 17Page - STMicroelectronics M41T62 Datasheet HTML 18Page - STMicroelectronics M41T62 Datasheet HTML 19Page - STMicroelectronics M41T62 Datasheet HTML 20Page - STMicroelectronics M41T62 Datasheet HTML 21Page - STMicroelectronics M41T62 Datasheet HTML 22Page - STMicroelectronics M41T62 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
3.5
Watchdog output ( WDO - M41T65 only)
If the processor does not reset the watchdog timer within the specified period, the watchdog output ( WDO ) will
pulse low for trec (see Table 7. Square wave output frequency). This output may be connected to the reset input of
the processor in order to generate a processor reset. After a watchdog time-out occurs, the timer will remain
disabled until such time as a new countdown value is written into the watchdog register.
Note:
The crystal oscillator must be running for the WDO pulse to be available. The WDO output is an N-channel,
open drain output driver (with IOL as specified in Table 13. DC characteristics).
3.6
Square wave output (M41T62/64)
The M41T62/64 offers the user a programmable square wave function which is output on the SQW pin. RS3-RS0
bits located in 04h establish the square wave output frequency. These frequencies are listed in Table 7. Square
wave output frequency. Once the selection of the SQW frequency has been completed, the SQW pin can be
turned on and off under software control with the square wave enable bit (SQWE) located in register 0Ah.
The SQW output is an N-channel, open drain output driver for the M41T64, and a full CMOS output driver for the
M41T62. The initial power-up default for the SQW output is 32 kHz (except for M41T64, which defaults disabled).
Table 7. Square wave output frequency
Square wave bits
Square wave
RS3
RS2
RS1
RS0
Frequency
Units
0
0
0
0
None
–
0
0
0
1
32.768
kHz
0
0
1
0
8.192
kHz
0
0
1
1
4.096
kHz
0
1
0
0
2.048
kHz
0
1
0
1
1.024
kHz
0
1
1
0
512
Hz
0
1
1
1
256
Hz
1
0
0
0
128
Hz
1
0
0
1
64
Hz
1
0
1
0
32
Hz
1
0
1
1
16
Hz
1
1
0
0
8
Hz
1
1
0
1
4
Hz
1
1
1
0
2
Hz
1
1
1
1
1
Hz
3.7
Full-time 32 kHz square wave output (M41T64)
The M41T64 offers the user a special 32 kHz square wave function which is enabled on power-up to output on
the F32K pin as long as VCC ≥ 1.3 V, and the oscillator is running (ST bit = '0'). This function is available within one
second (typ) of initial power-up and can only be disabled by setting the 32KE bit to '0' or the ST bit to '1.' If not
used, the F32K pin should be disconnected and allowed to float.
M41T62, M41T64, M41T65
Watchdog output (
WDO
- M41T65 only)
DS3840 - Rev 24
page 19/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com