Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 20Page - STMicroelectronics M41T62 Datasheet HTML 21Page - STMicroelectronics M41T62 Datasheet HTML 22Page - STMicroelectronics M41T62 Datasheet HTML 23Page - STMicroelectronics M41T62 Datasheet HTML 24Page - STMicroelectronics M41T62 Datasheet HTML 25Page - STMicroelectronics M41T62 Datasheet HTML 26Page - STMicroelectronics M41T62 Datasheet HTML 27Page - STMicroelectronics M41T62 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Table 12. Capacitance
Symbol
Parameter (1) (2)
Min.
Max.
Unit
CIN
Input capacitance
-
7
pF
COUT (3)
Output capacitance
-
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
-
50
ns
1. At 25°C, f = 1 MHz.
2. Effective capacitance measured with power supply at 3.6 V; sampled only, not 100% tested.
3. Outputs deselected.
Table 13. DC characteristics
Sym
Parameter
Test condition(1)
Min.
Typ.
Max.
Unit
VCC (2)
Operating voltage
Clock
1.0
4.4
V
I2C bus (400 kHz)
1.3
4.4
V
ICC1
Supply current
SCL = 400 kHz
(no load)
4.4 V
100
µA
3.6 V
50
70
µA
3.0 V
35
µA
2.5 V
30
µA
2.0 V
20
µA
ICC2
Supply current (standby)
SCL = 0 Hz
all inputs
≥ VCC – 0.2 V
≤ VSS + 0.2 V
SQW off
4.4 V
950
nA
3.6 V
375
700
nA
3.0 V at 25
°C
350
nA
2.0 V at 25
°C
310
nA
VIL
Input low voltage
–0.2
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+0.3
V
VOL
Output low voltage
VCC = 4.4 V, IOL = 3.0 mA
(SDA)
0.4
V
VCC = 4.4 V, IOL = 1.0 mA
(SQW, WDO , IRQ )
0.4
V
VOH
Output high voltage
VCC = 4.4 V, IOH = –1.0 mA (CMOS)
2.4
V
Open drain pull-up supply
voltage
M41T62: IRQ /OUT
M41T64: SQW (3)
M41T65: WDO and IRQ /FT/OUT
4.4
V
ILI
Input leakage current
0 V ≤ VIN ≤ VCC
±1
µA
ILO
Output leakage current
0 V ≤ VOUT ≤ VCC
±1
µA
1. Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 1.3 V to 4.4 V (except where noted).
2. Oscillator startup guaranteed at 1.5 V only.
3. While the M41T64’s SQW output is open drain, the reader is reminded that the SQW output on the M41T62
is CMOS and hence is not included in this list.
M41T62, M41T64, M41T65
DC and AC parameters
DS3840 - Rev 24
page 24/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com