Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T62 Datasheet HTML 1Page - STMicroelectronics M41T62 Datasheet HTML 2Page - STMicroelectronics M41T62 Datasheet HTML 3Page - STMicroelectronics M41T62 Datasheet HTML 4Page - STMicroelectronics M41T62 Datasheet HTML 5Page - STMicroelectronics M41T62 Datasheet HTML 6Page - STMicroelectronics M41T62 Datasheet HTML 7Page - STMicroelectronics M41T62 Datasheet HTML 8Page - STMicroelectronics M41T62 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
3.2 mm
1.5 mm
3mm
3mm
Embedded crystal LCC8 1.5 x 3.2 mm
No external crystal required
QFN16 3 x 3 mm
Features
Serial real-time clock (RTC) with alarm functions
400 kHz I²C serial interface
Memory mapped registers for seconds, minutes, hours, day, date, month,
year, and century
Tenths/hundredths of second register
350 nA timekeeping current at 3 V
Time keeping down to 1.0 V
1.3 V to 4.4 V I²C bus operating voltage
4.4 V max. VCC suitable for lithium-ion battery operation
Low operating current of 35 µA (at 400 kHz I²C speed)
32 kHz square wave output is on at power-up. Suitable for driving a
microcontroller in low-power mode. Can be disabled. (M41T62/64)
Programmable 1 Hz to 32 kHz square wave output (M41T62/64)
Programmable alarm with interrupt function (M41T62/65)
32 kHz crystal oscillator integrates crystal load capacitors, works with high
series resistance crystals
Oscillator stop detection monitors clock operation
Accurate programmable watchdog
62.5 ms to 31 minutes timeout
Software clock calibration. Timekeeping can be adjusted within ± 2 parts per
million (± 5 seconds per month)
Automatic leap year compensation
– 40 to + 85 °C operation
Two package options
Very small 3 x 3 mm, lead-free and halogen-free (ECOPACK2) 16-lead
QFN
Ultra small 1.5 x 3.2 mm, lead-free and halogen-free (ECOPACK2) 8-pin
ceramic leadless chip carrier with embedded 32 kHz crystal - no external
oscillator components required (M41T62)
Maturity status link
M41T62
M41T64
M41T65
Low-power serial real-time clocks (RTCs) with alarm
M41T62, M41T64, M41T65
Datasheet
DS3840 - Rev 24 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M41T62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
Serial Access Real-Time Clock with Alarms
13-Nov-2003
M41T62 STMICROELECTRONICS-M41T62 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T62 STMICROELECTRONICS-M41T62 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T62 STMICROELECTRONICS-M41T62 Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
M41T62LC6F STMICROELECTRONICS-M41T62LC6F Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
More results

Similar Description - M41T62

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T62_1112 STMICROELECTRONICS-M41T62_1112 Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
AN1572 STMICROELECTRONICS-AN1572 Datasheet
176Kb / 9P
Power-down time-stamp function in serial real-time clocks
02-May-2012
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com