Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 29Page - STMicroelectronics M41T62 Datasheet HTML 30Page - STMicroelectronics M41T62 Datasheet HTML 31Page - STMicroelectronics M41T62 Datasheet HTML 32Page - STMicroelectronics M41T62 Datasheet HTML 33Page - STMicroelectronics M41T62 Datasheet HTML 34Page - STMicroelectronics M41T62 Datasheet HTML 35Page - STMicroelectronics M41T62 Datasheet HTML 36Page - STMicroelectronics M41T62 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
7
Packing information
7.1
QFN16 carrier tape
Figure 29. Carrier tape for QFN16 3 x 3 mm package
T
K0
P1
A0
B0
P2
P0
CENTER LINES
OFCAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED
Table 20. Carrier tape dimensions for QFN16 3 x 3 mm package
Package
W
D
E
P0
P2
F
A0
B0
K0
P1
T
Unit
Bulk qty
QFN16
12.00
±0.30
1.50
+0.10
/-0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
5.50
±0.05
3.30
±0.10
3.30
±0.10
1.10
±0.10
8.00
±0.10
0.30
±0.05
mm
3000
M41T62, M41T64, M41T65
Packing information
DS3840 - Rev 24
page 33/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com