Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 33Page - STMicroelectronics M41T62 Datasheet HTML 34Page - STMicroelectronics M41T62 Datasheet HTML 35Page - STMicroelectronics M41T62 Datasheet HTML 36Page - STMicroelectronics M41T62 Datasheet HTML 37Page - STMicroelectronics M41T62 Datasheet HTML 38Page - STMicroelectronics M41T62 Datasheet HTML 39Page - STMicroelectronics M41T62 Datasheet HTML 40Page - STMicroelectronics M41T62 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Revision history
Table 23. Document revision history
Date
Revision
Changes
21-Feb-2013
20
Updated title of datasheet; updated Section 3.8: "Century bits"; added Figure 21:
"Century bits CB1 and CB0; moved and modified Table 8: "Examples using
century bits"; added Section 3.9: "Leap year"; added footnote 1 to Table 15:
"Crystals suitable for use with M41T6x series RTCs.
21-Aug-2015
21
Removed M41T63 part number and all references to it from document.
Moved Table 1: "Device summary" to Section 1: "Description"
Replaced Figure 10: "Hardware hookup for SuperCapTM backup operation"
Updated Section 6.1: "QFN16 package information"
Updated dimension e in Table 19: "LCC8 – 8-pin, 1.5 x 3.2 mm leadless chip
carrier package mechanical data"
01-Oct-2015
22
Clarified open drain pull-up supply voltage for devices in Table 13: "DC
characteristics"
18-Jan-2019
23
Updated note on Figure 10. Hardware hookup for SuperCap™ backup operation
05-Sep-2019
24
Minor text changes
M41T62, M41T64, M41T65
DS3840 - Rev 24
page 37/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com