Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 16Page - STMicroelectronics M41T62 Datasheet HTML 17Page - STMicroelectronics M41T62 Datasheet HTML 18Page - STMicroelectronics M41T62 Datasheet HTML 19Page - STMicroelectronics M41T62 Datasheet HTML 20Page - STMicroelectronics M41T62 Datasheet HTML 21Page - STMicroelectronics M41T62 Datasheet HTML 22Page - STMicroelectronics M41T62 Datasheet HTML 23Page - STMicroelectronics M41T62 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
3.8
Century bits
The two century bits, CB1 and CB0, are bits D7 and D6, respectively, in the century/month register at address
06h. Together, they comprise a 2-bit counter which increments at the turn of each century. CB1 is the most
significant bit.
The user may arbitrarily assign the meaning of CB1:CB0 to represent any century value, but the simplest way of
using these bits is to extend the year register (07h) by mapping them directly to bits 9 and 8. (The reader is
reminded that the year register is in BCD format.) Higher order year bits can be maintained in the application
software.
Figure 21. Century bits CB1 and CB0
00
CB1:CB0
01
10
11
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Example: 16-bit year value
MAINTAIN
ADDITIONAL
YEAR BITS IN
SOFTWAR
LOWER 8 BITS
CONTAINED IN
YEAR REGISTER
(07h)
LET CB1:CB0 REPRESENT
BITS 9 AND 8 TO EXTEND
THE YEAR REGISTER
Table 8. Examples using century bits
CB1
CB0
CENTURY
0
0
2000
0
1
2100
1
0
2200
1
1
2300
3.9
Leap year
Leap year occurs every four years, in years which are multiples of 4. For example, 2012 was a leap year. An
exception to that is any year which is a multiple of 100. For example, the year 2100 is not a leap year. A further
exception is that years which are multiples of 400 are indeed leap years. Hence, while 2100 is not a leap year,
2400 is.
During any year which is a multiple of 4, the M41T6x RTC will automatically insert leap day, February 29.
Therefore, the application software must correct for this during the exception years (2100, 2200, etc.) as noted
above.
3.10
Output driver pin (M41T62/65)
When the OFIE bit, AFE bit, and watchdog register are not set to generate an interrupt, the IRQ /OUT pin
becomes an output driver that reflects the contents of D7 of the calibration register. In other words, when D7
(OUT bit) is a '0,' then the IRQ /OUT pin will be driven low.
Note:
The IRQ /OUT pin is an open drain which requires an external pull-up resistor.
M41T62, M41T64, M41T65
Century bits
DS3840 - Rev 24
page 20/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com