Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 15Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 16Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 17Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 18Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 19Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 20Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 132 page
background image
50 Functional Description (Continued)
TABLE 5-3 Request Service Classes
RQRCLS
Name
Class
THT
Token
Token
Notes
Capture
Issue
0000
None
None
0001
Apri
1
Async
Enabled
Non-rstr
Non-rstr
THSH1
0010
Reserved
Reserved
0011
Reserved
Reserved
0100
Syn
Synch
Disabled
Any
Captured
1
0101
Imm
Immediate
Disabled
None
None
4
0110
ImmN
Immediate
Disabled
None
Non-rstr
4
0111
ImmR
Immediate
Disabled
None
Rstr
4
1000
Asyn
Asynch
Enabled
Non-rstr
Non-rstr
1001
Rbeg
Restricted
Enabled
Non-rstr
Rstr
2 3
1010
Rend
Restricted
Enabled
Rstr
Non-rstr
2
1011
Rcnt
Restricted
Enabled
Rstr
Rstr
2
1100
AsynD
Asynch
Disabled
Non-rstr
Non-rstr
1101
RbeginD
Restricted
Disabled
Non-rstr
Rstr
2 3
1110
RenD
Restricted
Disabled
Rstr
Non-rstr
2
1111
RcntD
Restricted
Disabled
Rstr
Rstr
2
Note 1
Synchronous Requests are not serviced when bit BCNR of the Ring Event Latch Register is set
Note 2
Restricted Requests are not serviced when bit BCNR CLMR or OTRMAC of the Ring Event Latch Register is set
Note 3
Restricted Dialogues only begin when a Non-Restricted token has been received and transmitted
Note 4
Immediate Requests are serviced when the ring is Non-Operational These requests are serviced from the Data state if neither signal RQCLM nor RQBCN
is asserted If signal RQCLM is asserted Immediate Requests are serviced from the Claim State If signal RQBCN is asserted Immediate Requests are serviced
from the Beacon State RQCLM and RQBCN do not cause transitions to the Claim and Beacon States
Requests are serviced on a Service Opportunity meeting
the requested criteria
External support is required to limit the requests presented
to the MAC Interface by different MAC Users (SMT LLC
etc)
A Token Capture Class of non-rstr indicates that the Trans-
mitter Token Class must be Non-Restricted to begin servic-
ing the request A Token Capture Class of rstr indicates
that the Transmitter Token Class must be Restricted to be-
gin servicing the Request A Token Issue Class of non-rstr
means that the Transmitter Token Class will be Non-Re-
stricted upon completion of the request A Token Issue
Class of rstr means that the Transmitter Token Class will be
Restricted upon completion of the request
532 Request Options
The Request Options provide the ability for Source Address
Transparency (SAT) and FCS Transparency (FCST) In both
cases data from the request stream is transmitted in place
of data from either the Ring Engine The use of Source Ad-
dress transparency has no effect on the sequencing of the
interface When Source Address transparency is not used
the SA from the internal parameter RAM is substituted for
the SA bytes in the request stream which must still be pres-
ent Since the FCS is appended to the frame when FCS
transparency is not used no FCS bytes are present in the
request stream
Source Address Transparency
Normally the SA field in a frame is generated by the BMAC
device using either the MSA or MLA When the SA Trans-
parency option is selected the SA from the data stream is
transmitted in place of the MSA or MLA The SAT option
can be invoked on a per frame basis upon the assertion of
the SAT signal (Pin 12)
When the SA Transparency option is selected it is neces-
sary to rely on an alternate stripping mechanism because
stripping based on the returning SA only guarantees that
frames with MSA or MLA will be stripped Either the Void
Stripping option (described below) may be invoked or exter-
nal hardware that forces stripping using the EM (External
M
Flag) signal is required
The MSB of the SA is not controlled by this option It is
normally forced to Zero It can be controlled using the
Source Address MSB Transparency option described be-
low
SA Transparency is possible for all frames (including MAC
frames) External support is required to limit the use of SA
Transparency to certain MAC Users SA Transparency
should not be used with externally generated MAC Frames
in order to maintain accountability but this is not enforced
by the Ring Engine
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com