Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 52Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 59Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 132 page
background image
60 Control Information (Continued)
653 Claim Information Requested Target Token Rotation Time (TREQ)
The Requested Target Token Rotation Time (TREQ) is stored in registers TREQ0 – TREQ3 TREQ(31 – 0) is represented as a
negative two’s complement number This value is transmitted in all Claim frames generated by the Ring Engine
Bits TREQ(31 – 24) are always transmitted as and compared with FFh and bits TREQ(7 – 0) are always transmitted as and
compared with 00h independent of the value stored in the MAC Parameter RAM TREQ is therefore programmable with
2048 ms resolution and a maximum value of 134 seconds
ACCESS RULES
Address
Read
Write
50 – 53h
Stop Mode
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
TREQ0
TREQ(31)
TREQ(30)
TREQ(29)
TREQ(28)
TREQ(27)
TREQ(26)
TREQ(25)
TREQ(24)
TREQ1
TREQ(23)
TREQ(22)
TREQ(21)
TREQ(20)
TREQ(19)
TREQ(18)
TREQ(17)
TREQ(16)
TREQ2
TREQ(15)
TREQ(14)
TREQ(13)
TREQ(12)
TREQ(11)
TREQ(10)
TREQ(9)
TREQ(8)
TREQ3
TREQ(7)
TREQ(6)
TREQ(5)
TREQ(4)
TREQ(3)
TREQ(2)
TREQ(1)
TREQ(0)
654 Beacon Information Transmit Beacon Type (TBT)
Transmit Beacon Type 0 – 3 (TBT0 – 3) represents the Transmit Beacon Type to be transmitted in the information field of a
Beacon frame
When the Beacon state is reached as a result of a failed Claim process the first byte of the Beacon Information field bits
TBT31 – 24 are forced to Zero to produce a Beacon Type 0 as required by the MAC Standard Bits TBT(23 – 0) are transmitted
as the rest of the Information field
When the Beacon state is reached as a result of a Beacon Request (when FunctionBCN is set) bits TBT(31 – 0) are transmitted
as the Information field Bit TBT(0) is transmitted last
ACCESS RULES
Address
Read
Write
54 – 57h
Stop Mode
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
TBT0
TBT(31)
TBT(30)
TBT(29)
TBT(28)
TBT(27)
TBT(26)
TBT(25)
TBT(24)
TBT1
TBT(23)
TBT(22)
TBT(21)
TBT(20)
TBT(19)
TBT(18)
TBT(17)
TBT(16)
TBT2
TBT(15)
TBT(14)
TBT(13)
TBT(12)
TBT(11)
TBT(10)
TBT(9)
TBT(8)
TBT3
TBT(7)
TBT(6)
TBT(5)
TBT(4)
TBT(3)
TBT(2)
TBT(1)
TBT(0)
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com