Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 59Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 60Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 132 page
background image
60 Control Information (Continued)
66 TIMER VALUES
The Ring Engine stores several timer values and thresholds used in normal operation With the exception of TNEG the timers
use an exponential expansion on a 4-bit value to produce a negative twos complement 24-bit value used by the Timer Logic
The timer values are always readable and are writable in Stop Mode
Asynchronous Priority Threshold (THSH1)
The Ring Engine currently supports one Asynchronous Priority Threshold (THSH1) in addition to the one at TTRT The Asyn-
chronous Priority Threshold is used in a magnitude comparison with THT when an Asynchronous Priority Request is presented
to the MAC Request Interface
Bits 7 – 4 are always written to Zero and are always read as Zero
When more than one threshold is used the users of THSH1 have the lowest priority All asynchronous transmissions are limited
by TTRT If the Late Flag is set no frames may be transmitted regardless of the value of the Asynchronous Priority Threshold
ACCESS RULES
Address
Read
Write
87h
Always
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
THSH1
Zero
Zero
Zero
Zero
THSH(3)
THSH(2)
THSH(1)
THSH(0)
Time remaining in THT
THSH1(3 – 0)
when token becomes unusable
0
1024 ms
1
2048 ms
2
4096 ms
3
8192 ms
4
16384 ms
5
32768 ms
6
65536 ms
7
13107 ms
8
26214 ms
9
52429 ms
A
10486 ms
B
20972 ms
C
41943 ms (default)
D
83886 ms
E
16777 ms
F
33554 ms
Warning
The default value may not be appropriate for all values of TNEG
In some cases this could result in a request that is NEVER serviced
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com