Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 25Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 26Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 27Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 28Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 29Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 30Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 31Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 32Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
60 Control Information (Continued)
Option Register
(Continued)
Bit
Symbol
Description
D4
IRPT
Inhibit Repeat
When enabled
1 the Ring Engine cannot enter the Transmitter Repeat and Issue
Token states This causes all received
PDUs to be stripped and prevents tokens from being issued
2 Void frames are not transmitted during a service opportunity
3 Idle to Repeat transition is inhibited and all received tokens and MAC frames except Lower
Claim and
My
Beacon frames are ignored (Lower
Claim and My
Beacon frames may be ignored by setting
OptionIRR)
When the ring is operational enabling this option causes the Reset actions to occur upon the completion of
the Service Opportunity if any When the ring is not operational Immediate Requests are serviced and
continue to completion
The Inhibit Repeat option can be used to scrub the ring for a period longer than the Ring Latency The option is
also useful in full duplex applications
D5
IFCS
Implementer FCS
Enables use of the standard CRC as the FCS on Implementer frames (FCFF e 10) When
enabled Implementer frames are treated like all other frames When Implementer frames are received with
bad FCS and EreR the E Indicator is transmitted as S and EICT is incremented
On Implementer frames the Standard does not mandate the setting of the E Indicator on the result of the FCS
check This allows Implementers to use alternate Frame Check Sequences aside from the standard 32-bit
CRC Implementers may also choose not to use any FCS in applications such as packet voice
If other stations in the ring are using Implementer frames with a non-standard FCS if used this option may
cause an interoperability problem
D6
EMIND
External Matching Indicators
Enables the setting of the transmitted A Indicator (Ax) as an S symbol when
the EA pin is set Also enables the setting of the transmitted C Indicator (Cx) as an S symbol when the VCOPY
pin is set if the A Indicator is set as a result of an external match The CopiedNot Copied Frame Counters are
also incremented as a result of external comparisons when this option is enabled
D7
ITC
Inhibit Token Capture
When enabled the Ring Engine is prohibited from transmitting any (more) frames
This option prohibits entry to the Transmit Void and Data states from the Idle state and causes exit from the
Data state after the current frame has been transmitted
When enabled it is still possible to perform Immediate transmissions from the transmitter Claim and Beacon
states but not from the Data state
This option can be used to temporarily block normal data service It can also be used in conjunction with the
Inhibit Recovery Required option to permit access via the Control Interface to the MAC Parameter RAM during
MAC operation
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com