Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 75Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 76Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 77Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 78Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 79Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 80Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 81Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 82Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 132 page
background image
70 Signal Descriptions (Continued)
7323 PDU Flags
The PDU flags may be used with the received Frame Control field to determine if an attempt should be made to copy the frame
Symbol
Pin
IO
Description
AFLAG
56
O
My Destination Address Recognized
Indicates that an internal address match occurred on the
Destination Address field The internal address (MSA MLA GSA GLA) match is indicated by the
assertion of FCSL and DAIG AFLAG is asserted along with DARCVD It is reset when the next PDU
Starting Delimiter is received
DAIG
54
O
IndividualGroup Address Flag
Indicates the address type Valid on the first byte of the Destination
Address
0 Individual Address
1 Group Address
FCSL
53
O
ShortLong Address Flag
Indicates the size of the Destination Address Signal is valid when
FCRCVD is asserted
0 Short Address
1 Long Address
Used in conjunction with TKRCVD to indicate the type of token received
0 Non-restricted token
1 Restricted token
MFLAG
60
O
My Source Address Recognized
Indicates that the received Source Address field matched the
MLA or MSA SAIG is ignored in the comparison MFLAG is asserted along with SARCVD It is reset
when the next PDU Starting Delimiter is received
SAMESA
61
O
Same Source Address
Indicates three conditions
1 The Source Address of the current frame is the same as the Source Address of the previous frame
AND
2 The current and previous frames were not MAC frames AND
3 The current and previous frames have the same address field size
SAMESA is asserted along with SARCVD It is reset when the next PDU starting delimiter is received
SAMEINFO
63
O
Same MAC Information
Indicates two conditions
1 The first 4 bytes of the information field of the current frame are identical to the first 4 bytes of the
previous non-Void frame AND
2 The current and previous non-Void frames were MAC frames
SAMEINFO is asserted along with INFORCVD It is reset when the next PDU Starting Delimiter is
received
Note that the FC field is not checked to insure that it is the same as in the previous frame This
includes the address size comparison
In REV1 of the BMAC Device Void frames are not ignored as stated in 1 and 2 above
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com