Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 11Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 12Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 15Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 16Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 17Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 18Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 132 page
background image
50 Functional Description (Continued)
TLF10387 – 3
FIGURE 5-1 Token Timing Logic
If TRT expires while Late
Flag is set TRT is loaded with
TMAX and the recovery process (Claim) is invoked When
TRT expires and the ring is not operational TRT is loaded
with TMAX TRT is also loaded with TMAX on a MAC Reset
512 Token Recovery
While the ring is operational every station in the ring uses
the Negotiated Target Token Rotation Time TNEG The
MAC implements the protocol for negotiation of this target
token rotation time (TTRT) through the Claim Process The
shortest requested Token Rotation Time is used by all of
the stations in the ring as the TNEG
If TRT expires with Late
Flag set a token has not been
received within twice TTRT (Target Token Rotation Time) If
TVX (Valid Transmission Timer) expires the station has not
received a valid token within TVX Max Both these events
require token recovery and cause the Ring Engine to enter
the Claim Process
In the Claim Process a MAC continuously transmits Claim
frames containing TREQ Should the MAC receive a Claim
frame with a shorter TREQ (larger valueHigher
Claim) it
leaves the Claim State A station that receives its own Claim
frame gains the right to send the first token and make the
ring operational again If the Claim Process does not com-
plete successfully TRT will expire and the Beacon Process
is invoked
The Beacon Process is used for fault isolation A station
may invoke the Beacon Process through an SM
Con-
trolrequest(Beacon) When a station enters the Beacon
Process it continuously sends out Beacon frames The
Beacon Process is complete when a station receives its
own Beacon frame That station then enters the Claim Pro-
cess to re-initialize the ring
52 SERVICING TRANSMISSION REQUESTS
A Request to transmit one or more frames is serviced by the
Ring Engine After a Request is submitted to the Ring En-
gine the Ring Engine awaits an appropriate Service Oppor-
tunity in which to service the Request Frames associated
with the Request are transmitted during the Service Oppor-
tunity The definition of a Service Opportunity is different
depending on the operational state of the ring
A Service Opportunity begins when the criteria presented to
the Ring Engine are met This criteria contains the request-
ed service class (synch asynch asynch priority immediate)
and the type of token to capture (restricted non-restricted
any none)
During a service opportunity the Ring Engine guarantees
that a valid frame is sent with at most 40 bytes of preamble
When data is not ready to be transmitted Void frames are
transmitted to reset the TVX timers in all stations During an
immediate request while in the Claim or Beacon States
when no Claim or Beacon frames are ready to be transmit-
ted the internally generated Claim or Beacon frames are
transmitted
521 Service Opportunity While Ring Operational
Beginning of Service Opportunity
Table 5-1 shows the conditions that must be true when a
valid token is received in order to begin a Service Opportu-
nity when the ring is operational
TABLE 5-1 Beginning of Service Opportunity
Requested
Requested Token
Criteria
Received
Service Class
Capture Class
Token Class
Asynchronous Priority
non-restricted
THT l THSH
non-restricted
Late
Flag e 0
Ring
Op e 1
Asynchronous
non-restricted
Late
Flag e 0
non-restricted
Ring
Op e 1
Asynchronous
restricted
Late
Flag e 0
restricted
Ring
Op e 1
Synchronous
any
Ring
Op e 1
any
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com