Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 67Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 68Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 69Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 70Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 71Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 72Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 73Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 74Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
70 Signal Descriptions
Interface Organization
The BMAC device signals are organized into five Interfaces
Control Interface Used for processor access to the BMAC device
PHY Interface Interface signals to the DP8325155 PLAYER device
MAC Indicate Interface Signals for receiving and processing incoming frames
MAC Request Interface Signals used to capture tokens and transmit frames
Electrical Interface Signals associated with power supply and clocking
Application Note 689 BMAC Device Hardware Design Guide provides a discussion of design considerations and tradeoffs for
using the BMAC Device
71 CONTROL INTERFACE
The Control Interface operates asynchronous to the operation of the data services During an access the external Control Bus
is synchronized with the internal Control Bus
The ACK and INT signals are open drain signals to allow wire ORing several such signals
Symbol
Pin
IO
Description
CBP
10
IO
Control Bus Parity
Odd parity on CBD7 – 0
CBD7–0
9–6 3–1
I O
Control Bus Data
132
CBA7 – 0
131 – 129
I
Control Bus Address
Address of a particular register
127 – 123
CE
120
I
Control Bus Enable
Handshake signal used to begin a Control Interface access Active low signal
RW
119
I
Read EWrite
Determines current direction of a Control Interface access
ACK
122
OD
E
Acknowledge
Acknowledges that the Control Interface access has been performed Active low
open drain signal
INT
121
OD
E
Interrupt
Indicates presence of one or more enabled condition(s) from the Event Registers
Active low open drain signal
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com