Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83261AVF Datasheet HTML 1Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 2Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 3Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 4Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 5Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 6Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 132 page
background image
20 Architectural Description
The BMAC device receivers transmits and strips or repeats
Protocol Data Units (PDUs ie
Tokens and Frames) and
handles the token management functions required by the
timed token protocol in accordance with the FDDI MAC
Standard
The BMAC device is comprised of the Ring Engine (RE) and
interfaces to the Control Bus (Control Interface)
the
PLAYER device (PHY Interface) and a System Interface
such as the BSI device (MAC Interface) as shown in
Figure 2-1
On transmission the system interface prepares one or more
frames for transmission and requests a service opportunity
Based on the requested service class and requested token
type the Ring Engine waits for a token meeting the request-
ed criteria When a token is captured the Ring Engine sig-
nals the interface and soon thereafter transmission begins
After traversing the ring frames are stripped based on the
Source Address Frames with a Source Address matching
one of the station individual addresses are stripped by the
Ring Engine Status is available at the MAC interface for
every transmitted frame
For reception the Ring Engine sequences through the in-
coming byte stream comparing received destination ad-
dresses against the station’s short or long address The re-
sults of these comparisons are made available at the MAC
interface The System Interface then decides how to handle
the frame In the normal case a frame with a Destination
Address matching one of the station addresses is copied
and passed to the system
The BMAC device utilizes a full duplex byte-wide (symbol
pair) architecture There are two bytes of delay in the Trans-
mit path three bytes of delay in Receive and Repeat paths
and two bytes of delay in the Loopback path
TLF10387 – 2
FIGURE 2-1 BMAC Device Interfaces
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com