Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261AVF Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 68Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 69Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 70Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 71Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 72Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 73Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 74Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 75Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 132 page
background image
70 Signal Descriptions (Continued)
72 PHY INTERFACE
The PHY Interface signals transfer symbol pairs between the BMAC and PLAYER devices Transfers are synchronous using the
125 MHz Local Byte Clock signal (signal provided by the Clock Distribution Device)
A control bit is used to indicate if a Data symbol pair or Control symbol pair or a mixed ControlData symbol pair are being
transferred
Parity is generated on the PHY
Indicate and MA
Indicate data Parity is checked on the PHY
Request and MA
Request
data
Symbol
Pin
IO
Description
PRP
114
O
PHY Request Parity
Odd parity for PRC and PRD7 – 0
PRC
112
O
PHY Request Control
0 Indicates PRD7 – 0 contains a Data symbol pair
1 Indicates PRD7 – 0 contains a Control or mixed ControlData symbol pair
PRD7 – 0
110 108
O
PHY Request Data
Contains a Data or Control symbol pair
105 103
99 97
95 92
PIP
115
I
PHY Indicate Parity
Odd parity for PIC and PID7 – 0
PIC
113
I
PHY Indicate Control
0 Indicates PID7 – 0 contains a Data symbol pair
1 Indicates PID7 – 0 contains a Control or mixed ControlData symbol pair
PID7 – 0
111 109
I
PHY Indicate Data
Contains a Data or a mixed ControlData symbol pair
107 104
102 98
96 93
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com