Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 447 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 447 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 443Page - STMicroelectronics RM0016 Datasheet HTML 444Page - STMicroelectronics RM0016 Datasheet HTML 445Page - STMicroelectronics RM0016 Datasheet HTML 446Page - STMicroelectronics RM0016 Datasheet HTML 447Page - STMicroelectronics RM0016 Datasheet HTML 448Page - STMicroelectronics RM0016 Datasheet HTML 449Page - STMicroelectronics RM0016 Datasheet HTML 450Page - STMicroelectronics RM0016 Datasheet HTML 451Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 467 page
background image
DocID14587 Rev 14
447/467
RM0016
Analog/digital converter (ADC)
454
24.11.7
ADC data register high (ADC_DRH)
Address offset: 0x24
Reset value: 0xXX
24.11.8
ADC data register low (ADC_DRL)
Address offset: 0x25
Reset value: 0xXX
7
654
3210
DH[7:0]
r
rrr
rrrr
Bits 7:0 DH[7:0] Data bits high
These bits are set/reset by hardware and are read only. When the ADC is in single or non-buffered
continuous mode, they contain the high part of the converted data, in right-aligned or left-aligned
format depending on the ALIGN bit.
– Left Data Alignment
These bits contain the 8 MSB bits of the converted data. The MSB must be read first before reading
the LSB (see Section 24.9: Reading the conversion result
and Figure 165.)
– Right Data Alignment
These bits contain the (ADC data width - 8) MSB bits of the converted data. Remaining bits are tied
to zero.
See Figure 164.
7
654
3210
DL[7:0]
r
rrr
rrrr
Bits 7:0 DL[7:0] Data bits low
These bits are set/reset by hardware and are read only. When the ADC is in single or non-buffered
continuous mode, they contain the low part of the A/D conversion result, in right-aligned or left-
aligned format depending on the ALIGN bit.
– Left Data Alignment
These bits contain the (ADC data width - 8) LSB bits of the converted data, remaining bits of the
register are tied to zero.
See Figure 165.
– Right Data Alignment
These bits contain the 8 LSB bits of the converted data. The LSB must be read first before reading
the MSB (see Section 24.9: Reading the conversion result
and Figure 164.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com