Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 443 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 443 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 439Page - STMicroelectronics RM0016 Datasheet HTML 440Page - STMicroelectronics RM0016 Datasheet HTML 441Page - STMicroelectronics RM0016 Datasheet HTML 442Page - STMicroelectronics RM0016 Datasheet HTML 443Page - STMicroelectronics RM0016 Datasheet HTML 444Page - STMicroelectronics RM0016 Datasheet HTML 445Page - STMicroelectronics RM0016 Datasheet HTML 446Page - STMicroelectronics RM0016 Datasheet HTML 447Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 467 page
background image
DocID14587 Rev 14
443/467
RM0016
Analog/digital converter (ADC)
454
24.11.3
ADC control/status register (ADC_CSR)
Address offset: 0x20
Reset value: 0x00
7
654
3210
EOC
AWD
EOCIE
AWDIE
CH[3:0]
rw
rc_w0
rw
rw
rw
rw
rw
rw
Bit 7 EOC: End of conversion
This bit is set by hardware at the end of conversion. It is cleared by software by writing ‘0’.
0: Conversion is not complete
1: Conversion complete
Bit 6 AWD: Analog Watchdog flag
0: No analog watchdog event
1: An analog watchdog event occurred. In buffered continuous or scan mode you can read the
ADC_AWSR register to determine the data buffer register related to the event. An interrupt request
is generated if AWDIE=1.
Note: This bit is not available for ADC2
Bit 5 EOCIE: Interrupt enable for EOC
This bit is set and cleared by software. It enables the interrupt for End of Conversion.
0: EOC interrupt disabled
1: EOC interrupt enabled. An interrupt is generated when the EOC bit is set.
Bit 4 AWDIE: Analog watchdog interrupt enable
0: AWD interrupt disabled.
1: AWD interrupt enabled
Note: This bit is not available for ADC2
Bits 3:0 CH[3:0]: Channel selection bits
These bits are set and cleared by software. They select the input channel to be converted.
0000: Channel AIN0
0001: Channel AIN1
....
1111: Channel AIN15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com