Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 439 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 439 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 435Page - STMicroelectronics RM0016 Datasheet HTML 436Page - STMicroelectronics RM0016 Datasheet HTML 437Page - STMicroelectronics RM0016 Datasheet HTML 438Page - STMicroelectronics RM0016 Datasheet HTML 439Page - STMicroelectronics RM0016 Datasheet HTML 440Page - STMicroelectronics RM0016 Datasheet HTML 441Page - STMicroelectronics RM0016 Datasheet HTML 442Page - STMicroelectronics RM0016 Datasheet HTML 443Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 467 page
background image
DocID14587 Rev 14
439/467
RM0016
Analog/digital converter (ADC)
454
Table 76. ADC interrupts in scan mode (ADC1)
Control bits
Status bits
Exit
from
Wait
Exit
from
Halt
AWSx
AWD
EOC
0
Don’t
care
0
0
0
The flag is set at the end
of the scan sequence
No
No
0
Don’t
care
1
0
0
The flag is set at the end
of the scan sequence
and an interrupt is
generated.
Yes
No
1
0
0
Flag is set if conversion
on channel ”x” crosses
the thresholds
programmed in the
ADC_HTR and
ADC_LTR registers
The flag is set at the end
of the scan sequence if
at least one of the
AWSx bits is set
The flag is set at the end
of the scan sequence
No
No
1
1
0
The flag is set and an
interrupt is generated at
the end of the SCAN
sequence if at least one
of the AWSx bits is set.
SCAN conversion is not
stopped.
The flag is set to 1 at the
end of the scan
sequence
Yes
No
1
0
1
The flag is set at the end
of the scan sequence if
at least one of the
AWSx bits is set
The flag is set to 1 at the
end of the scan
sequence and an
interrupt is generated.
Yes
No
1
1
1
The flag is set
immediately as soon as
one of the AWSx bits is
set. In interrupt is
generated and scan
conversion is stopped.
The flag is set at the end
of the scan sequence
and an interrupt is
generated.
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com